Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-30 Datasheet (PDF) - Power Integrations, Inc.

DI-30 Datasheet PDF - Power Integrations, Inc.
Part # DI-30
Download  DI-30 Download
File Size   482.65 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 180 W PC Main SFX Supply

DI-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-30 Datasheet PDF - Power Integrations, Inc.

Part # DI-30
Download  DI-30 Click to download

File Size   482.65 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 180 W PC Main SFX Supply

DI-30 Datasheet (HTML) - Power Integrations, Inc.


DI-30 Product details

Design Idea DI-30 TOPSwitch®-GX 180 W PC Main SFX Supply

Design Highlights
• 180 W cont. (200 W peak) in PC SFX form factor
• Includes passive power factor correction (PFC)
• TOPSwitch-GX integrated features enable extremely low component count
• Meets 1 W standby spec (0.91 W input, 0.5 W output)
• High efficiency (71% minimum)
• Integrated line undervoltage and overvoltage detection
• Low EMI due to frequency jitter
• SOURCE referenced TO-220 tab lowers conducted EMI
• Maximum duty cycle reduction (DCMAX) prevents transformer saturation for fault and transient loads
• Uses conventional magamp for 3.3 V output
• Meets CISPR22B/EN55022B conducted EMI




Similar Part No. - DI-30

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-31 POWERINT-DI-31 Datasheet
54Kb / 2P
5 V, 70 W DC-DC Converter with Synchronous Rectification
logo
Contec Co., Ltd
DI-32B-PE CONTEC-DI-32B-PE Datasheet
320Kb / 4P
Opto-Isolation Digital Input for PCI Express
DI-32GY CONTEC-DI-32GY Datasheet
238Kb / 3P
F&eIT Series Isolated Digital Input Module
DI-32L-PE CONTEC-DI-32L-PE Datasheet
302Kb / 3P
Isolated Digital Input board for PCI Express
DI-32T-PE CONTEC-DI-32T-PE Datasheet
309Kb / 3P
Digital Input Board for PCI Express
More results


Similar Description - DI-30

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
145 W PC Main ATX Supply
logo
Integrated Device Techn...
ICS9UMS9610 IDT-ICS9UMS9610 Datasheet
139Kb / 20P
PC MAIN CLOCK
logo
Sparkle Power Inc.
FSP250-60PLC SPI-FSP250-60PLC Datasheet
127Kb / 1P
250 Watts SFX ATX Power Supply
FSP300-60GHS SPI-FSP300-60GHS Datasheet
236Kb / 1P
300 Watts SFX Power Supply
FSP300-60GHS85 SPI-FSP300-60GHS85 Datasheet
239Kb / 1P
300 Watts SFX Power Supply
FSP350-60GHS85 SPI-FSP350-60GHS85 Datasheet
129Kb / 1P
300 Watts SFX Power Supply
FSP400-60GHS85 SPI-FSP400-60GHS85 Datasheet
240Kb / 1P
400 Watts SFX Power Supply
logo
Integrated Device Techn...
ICS9LP505-1HGLF IDT-ICS9LP505-1HGLF Datasheet
57Kb / 1P
PC MAIN CLOCK
ICS954148AFLF IDT-ICS954148AFLF Datasheet
57Kb / 1P
PC MAIN CLOCK
ICS9UMS9610CKLFT IDT-ICS9UMS9610CKLFT Datasheet
141Kb / 20P
PC MAIN CLOCK
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com