Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-31 Datasheet (PDF) - Power Integrations, Inc.

DI-31 Datasheet PDF - Power Integrations, Inc.
Part # DI-31
Download  DI-31 Download
File Size   54.7 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 5 V, 70 W DC-DC Converter with Synchronous Rectification

DI-31 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-31 Datasheet PDF - Power Integrations, Inc.

Part # DI-31
Download  DI-31 Click to download

File Size   54.7 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 5 V, 70 W DC-DC Converter with Synchronous Rectification

DI-31 Datasheet (HTML) - Power Integrations, Inc.


DI-31 Product details

Design Highlights
• Extremely low component count
• High efficiency, 90% using synchronous rectification
• No current sense resistor or current transformer required
• Output overload, open loop and thermal protection
• Accurate input under/overvoltage meets ETSI standards
• 300 kHz switching frequency – optimizes efficiency using simple self-driven synchronous rectification




Similar Part No. - DI-31

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
180 W PC Main SFX Supply
logo
Contec Co., Ltd
DI-32B-PE CONTEC-DI-32B-PE Datasheet
320Kb / 4P
Opto-Isolation Digital Input for PCI Express
DI-32GY CONTEC-DI-32GY Datasheet
238Kb / 3P
F&eIT Series Isolated Digital Input Module
DI-32L-PE CONTEC-DI-32L-PE Datasheet
302Kb / 3P
Isolated Digital Input board for PCI Express
DI-32T-PE CONTEC-DI-32T-PE Datasheet
309Kb / 3P
Digital Input Board for PCI Express
More results


Similar Description - DI-31

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB39A108 FUJITSU-MB39A108 Datasheet
364Kb / 4P
5-Channel DC/DC Converter IC with Synchronous Rectification
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
6 ch DC/DC Converter IC with Synchronous Rectification
logo
Power Integrations, Inc...
DI-25 POWERINT-DI-25 Datasheet
483Kb / 2P
30 W DC-DC Converter with Synchronous Rectification
DI-40 POWERINT-DI-40 Datasheet
57Kb / 2P
2.5 V, 20 W DC-DC Converter with Synchronous Rectification
logo
fujitsu semiconductor
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
4-ch DC/DC Converter IC with Synchronous Rectification
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
5 ch DC/DC Converter IC with Synchronous Rectification
MB39A115 FUJITSU-MB39A115 Datasheet
495Kb / 42P
5 ch DC/DC Converter IC with Synchronous Rectification
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
2ch DC/DC Converter IC with Synchronous Rectification Datasheet
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
2ch DC/DC Converter IC with PWM Synchronous Rectification
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com