Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-31 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-31
Description  5 V, 70 W DC-DC Converter with Synchronous Rectification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-31 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-31 Datasheet HTML 1Page - Power Integrations, Inc. DI-31 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
B
12/02
DI-31
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
Table 1. Transformer Design Parameters.
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A complete list of Power
Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations, Inc. ©Copyright 2002, Power Integrations, Inc.
Figure 2. Efficiency vs. Output Power.
•Minimize primary and secondary high current loop areas
to reduce parasitic inductance.
• Optocoupler U2 should have a controlled CTR range of
100 to 200% for optimum loop stability.
• Size transformer reset components to ensure transformer
reset at minimum operating voltage without exceeding
170 V drain voltage at high line. It may be necessary to gap
T1 to offset effect of Q4-Q6 gate capacitance.
• Set Zener VR1 clamp voltage to 150 V to both safely limit
the DRAIN below BV
DSS and guarantee transformer reset.
• Select number of bias turns to provide 12 V to 14 V at
minimum input voltage and full load.
•Main primary power return should be connected to the
DPA-Switch tab, not to the SOURCE pin.
• Scale time constant of C9 and L2 to allow C9 to reset
completely during minimum on-time conditions.
• Consult AN-31 for additional design tips and information.
Table 2. Output Inductor Construction Information.
92
88
86
90
0
20
40
60
80
Output Power (W)
80
82
84
VIN = 36 VDC
VIN = 48 VDC
VIN = 60 VDC
VIN = 72 VDC
TRANSFORMER PARAMETERS
Core Material
EFD25, 3F3
Gap for A
LG = 1100 nH/T
2
Bobbin
EFD25 10 pin
(B&B B-025 or equivalent)
Winding Details
Bias: 5T, 30 AWG
Primary: 6T+ 5T, 4 x 26 AWG
Secondary: 3T, 0.005" Cu foil
Inductance
Primary: 130 µH ±10%,
Leakge: 10 µH (max)
Primary Resonant
Frequency
3 MHz (minimum)
Winding Order
(Pin Numbers)
Primary (3-2), tape, Bias (4-5), tape,
Secondary (6,7-9,10), tape,
Primary (2-1), tape
OUTPUT INDUCTOR PARAMETERS
Core
EE22, TDK PC40 Material
Gap for A
LG of 250 nH/T
2
Bobbin
TDK BE-22-5116
Winding Details
4T, 0.016" Cu foil
Inductance
4 µH ± 10%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com