Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9ZML1232 Datasheet (PDF) - Renesas Technology Corp

9ZML1232 Datasheet PDF - Renesas Technology Corp
Part # 9ZML1232
Download  9ZML1232 Download
File Size   659.6 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:12 Low Power Differential Z-Buffer Mux for PCIe, UPI and PFT

9ZML1232 Datasheet (PDF)

Go To PDF Page Download Datasheet
9ZML1232 Datasheet PDF - Renesas Technology Corp

Part # 9ZML1232
Download  9ZML1232 Click to download

File Size   659.6 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:12 Low Power Differential Z-Buffer Mux for PCIe, UPI and PFT

9ZML1232 Datasheet (HTML) - Renesas Technology Corp


9ZML1232 Product details

Description
The 9ZML1232 is a 2-input/12-output differential mux for
use in servers. It meets the demanding DB1200ZL
performance specifications and utilizes Low-Power
HCSL-compatible outputs to reduce power consumption
and termination components. It is suitable for PCI-Express
Gen1–3 or QPI/UPI applications, and uses a fixed external
feedback to maintain low drift for demanding QPI
applications.
Applications
Clock Mux for Servers
Output Features
• 12 – Low-Power (LP) HCSL Output Pairs

Features
• 25MHz to 100MHz ZDB mode; supports PFT clock delay
management
• 9 selectable SMBus addresses; multiple devices can
share same SMBus segment
• Separate VDDIO for outputs; allows maximum power
savings
• PLL or bypass mode; PLL can dejitter incoming clock
• Hardware or software-selectable PLL BW; minimizes
jitter peaking in downstream PLLs
• Spread spectrum compatible; tracks spreading input
clock for EMI reduction
• SMBus interface; unused outputs can be disabled
• Differential outputs are Low/Low in power down;
maximum power savings
Key Specifications
• Cycle-to-cycle jitter < 50ps
• Output-to-output skew < 65ps
• Input-to-output delay: Fixed at 0ps
• Input-to-output delay variation < 50ps
• Phase jitter: PCIe Gen3 < 1ps rms
• Phase jitter: QPI/UPI 9.6GB/s < 0.2ps rms




Similar Part No. - 9ZML1232

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZML1232 IDT-9ZML1232 Datasheet
223Kb / 19P
2:12 LOW POWER DIFFERENTIAL Z-BUFFER MUX FOR PCIE AND QPI/UPI
9ZML1232BKLF IDT-9ZML1232BKLF Datasheet
223Kb / 19P
2:12 LOW POWER DIFFERENTIAL Z-BUFFER MUX FOR PCIE AND QPI/UPI
9ZML1232BKLFT IDT-9ZML1232BKLFT Datasheet
223Kb / 19P
2:12 LOW POWER DIFFERENTIAL Z-BUFFER MUX FOR PCIE AND QPI/UPI
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9ZML1232E RENESAS-9ZML1232E Datasheet
711Kb / 20P
2:12 DB1200ZL Derivative for PCIe Gen1–4 and UPI
May 12, 2021
More results


Similar Description - 9ZML1232

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZX21201 IDT-9ZX21201 Datasheet
229Kb / 16P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
9ZML1232 IDT-9ZML1232 Datasheet
223Kb / 19P
2:12 LOW POWER DIFFERENTIAL Z-BUFFER MUX FOR PCIE AND QPI/UPI
9ZX21201 IDT-9ZX21201_16 Datasheet
238Kb / 16P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
logo
Diodes Incorporated
PI6CBE33125 DIODES-PI6CBE33125 Datasheet
972Kb / 22P
Low-Power 12-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
logo
Renesas Technology Corp
9ZML1231-IB0 RENESAS-9ZML1231-IB0 Datasheet
409Kb / 20P
2:12 LOW POWER DIFFERENTIAL Z-BUFFER MUX FOR PCIE AND QPI/UPI
REV E 112015
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
9ZX21200 RENESAS-9ZX21200 Datasheet
9Mb / 18P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN3 AND QPI
REV D 041513
9ZX21201 RENESAS-9ZX21201 Datasheet
520Kb / 17P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
11/19/15
9ZXL1230 RENESAS-9ZXL1230 Datasheet
422Kb / 19P
12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com