Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9ZX21201 Datasheet (PDF) - Renesas Technology Corp

9ZX21201 Datasheet PDF - Renesas Technology Corp
Part # 9ZX21201
Download  9ZX21201 Download
File Size   520.25 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI

9ZX21201 Datasheet (PDF)

Go To PDF Page Download Datasheet
9ZX21201 Datasheet PDF - Renesas Technology Corp

Part # 9ZX21201
Download  9ZX21201 Click to download

File Size   520.25 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI

9ZX21201 Datasheet (HTML) - Renesas Technology Corp


9ZX21201 Product details

Features/Benefits
• Space-saving 64-pin packages
• Fixed feedback path/ 0ps input-to-output delay
• 9 Selectable SMBus Addresses/Mulitple devices can share
the same SMBus Segment
• 12 OE# pins/Hardware control of each output
• PLL or bypass mode/PLL can dejitter incoming clock
• 100MHz or 133MHz PLL mode operation/supports PCIe
and QPI applications
• Selectable PLL bandwidth/minimizes jitter peaking in
downstream PLL's
• Spread Spectrum Compatible/tracks spreading input clock
for low EMI
• Software control of PLL Bandwidth and Bypass Settings/
PLL can dejitter incoming clock (B Rev only)
Output Features
• 12 - 0.7V differential HCSL output pairs




Similar Part No. - 9ZX21201

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZX21201 IDT-9ZX21201 Datasheet
229Kb / 16P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
9ZX21201 IDT-9ZX21201 Datasheet
238Kb / 16P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
logo
Renesas Technology Corp
9ZX21201 RENESAS-9ZX21201 Datasheet
486Kb / 17P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
11/19/15
logo
Integrated Device Techn...
9ZX21201AKLF IDT-9ZX21201AKLF Datasheet
229Kb / 16P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
9ZX21201AKLF IDT-9ZX21201AKLF Datasheet
238Kb / 16P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
More results


Similar Description - 9ZX21201

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
19 Output Differential Buffer for PCIe Gen2 and QPI
9ZX21201 IDT-9ZX21201 Datasheet
229Kb / 16P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
9ZX21501B IDT-9ZX21501B Datasheet
180Kb / 16P
15-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21201 IDT-9ZX21201_16 Datasheet
238Kb / 16P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
9ZX21901C IDT-9ZX21901C_15 Datasheet
318Kb / 20P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
9ZX21200 RENESAS-9ZX21200 Datasheet
9Mb / 18P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN3 AND QPI
REV D 041513
9ZX21901C RENESAS-9ZX21901C Datasheet
513Kb / 21P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
11/19/15
ICS9DB423 RENESAS-ICS9DB423 Datasheet
512Kb / 21P
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com