Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9ZX21501C Datasheet (PDF) - Renesas Technology Corp

9ZX21501C Datasheet PDF - Renesas Technology Corp
Part # 9ZX21501C
Download  9ZX21501C Download
File Size   410.65 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI

9ZX21501C Datasheet (PDF)

Go To PDF Page Download Datasheet
9ZX21501C Datasheet PDF - Renesas Technology Corp

Part # 9ZX21501C
Download  9ZX21501C Click to download

File Size   410.65 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI

9ZX21501C Datasheet (HTML) - Renesas Technology Corp


9ZX21501C Product details

Features/Benefits
• Fixed feedback path; 0ps input-to-output delay
• 9 Selectable SMBus addresses; multiple devices can
share same SMBus segment
• 7 dedicated OE# pins; hardware control of outputs
• PLL or bypass mode; PLL can dejitter incoming clock
• Selectable PLL BW; minimizes jitter peaking in
downstream PLL's
• Spread spectrum compatible; tracks spreading input
clock for EMI reduction
• SMBus Interface; unused outputs can be disabled
• 100MHz & 133.33MHz PLL mode; legacy QPI support
• Undriven differential outputs in Power Down mode for
maximum power savings
Key Specifications
• Cycle-to-cycle jitter: <50ps
• Output-to-output skew: <65ps
• Input-to-output delay: Fixed at 0 ps
• Input-to-output delay variation: <50ps
• Phase jitter: PCIe Gen3 <1ps rms
• Phase jitter: QPI 9.6GB/s <0.2ps rms




Similar Part No. - 9ZX21501C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZX21501C IDT-9ZX21501C Datasheet
224Kb / 19P
Fixed feedback path
More results


Similar Description - 9ZX21501C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
19 Output Differential Buffer for PCIe Gen2 and QPI
9ZX21501B IDT-9ZX21501B Datasheet
180Kb / 16P
15-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901C IDT-9ZX21901C Datasheet
180Kb / 16P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901B IDT-9ZX21901B Datasheet
192Kb / 16P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
ICS9ZX21901CKLFT IDT-ICS9ZX21901CKLFT Datasheet
180Kb / 16P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901B IDT-9ZX21901B_15 Datasheet
258Kb / 18P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901C IDT-9ZX21901C_15 Datasheet
318Kb / 20P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
9ZX21501B RENESAS-9ZX21501B Datasheet
418Kb / 20P
FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
REV E 041613
9ZX21901C RENESAS-9ZX21901C Datasheet
513Kb / 21P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
11/19/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com