Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11AA02E64 Datasheet (PDF) - Microchip Technology

11AA02E64 Datasheet PDF - Microchip Technology
Part # 11AA02E64
Download  11AA02E64 Download
File Size   589.07 Kbytes
Page   31 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K UNI/O® Serial EEPROMs with EUI-48™ or EUI-64™ Node Identity

11AA02E64 Datasheet (PDF)

Go To PDF Page Download Datasheet
11AA02E64 Datasheet PDF - Microchip Technology

Part # 11AA02E64
Download  11AA02E64 Click to download

File Size   589.07 Kbytes
Page   31 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K UNI/O® Serial EEPROMs with EUI-48™ or EUI-64™ Node Identity

11AA02E64 Datasheet (HTML) - Microchip Technology


11AA02E64 Product details

Features
Preprogrammed Globally Unique, 48-Bit or 64-Bit
Node Address
Compatible with EUI-48™ and EUI-64™
Single I/O, UNI/O® Serial Interface Bus
Low-Power CMOS Technology:
- 1 mA active current, typical
- 1 μA standby current, maximum
256 x 8-Bit Organization
Schmitt Trigger Inputs for Noise Suppression
Output Slope Control to Eliminate Ground Bounce
100 kbps Maximum Bit Rate – Equivalent to
100 kHz Clock Frequency
Self-Timed Write Cycle (including Auto-Erase)
Page-Write Buffer for up to 16 Bytes
STATUS Register for Added Control:
- Write Enable Latch bit
- Write-In-Progress bit
Block Write Protection:
- Protect none, 1/4, 1/2 or all of array
Built-in Write Protection:
- Power-on/off data protection circuitry
- Write enable latch
High Reliability:
- Endurance: 1,000,000 erase/write cycles
- Data retention: >200 years
- ESD protection: >4,000V
3-Lead SOT-23 and 8-Lead SOIC Packages
Pb-Free and RoHS Compliant
Available Temperature Ranges:
- Industrial (I): -40°C to +85°C




Similar Part No. - 11AA02E64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA02E64-I/SN MICROCHIP-11AA02E64-I/SN Datasheet
494Kb / 32P
2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
11AA02E64-I/TT MICROCHIP-11AA02E64-I/TT Datasheet
494Kb / 32P
2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
11AA02E64T-I/SN MICROCHIP-11AA02E64T-I/SN Datasheet
494Kb / 32P
2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
11AA02E64T-I/TT MICROCHIP-11AA02E64T-I/TT Datasheet
494Kb / 32P
2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
More results


Similar Description - 11AA02E64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA02E48 MICROCHIP-11AA02E48 Datasheet
277Kb / 18P
2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
2008
24AA02E48 MICROCHIP-24AA02E48 Datasheet
274Kb / 18P
2K I2C??Serial EEPROM with EUI-48??Node Identity
2009
24AA025E48 MICROCHIP-24AA025E48 Datasheet
513Kb / 28P
2K I2C??Serial EEPROMs with EUI-48??Node Identity
2010
24AA02E48 MICROCHIP-24AA02E48_13 Datasheet
632Kb / 30P
2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
25AA02E48 MICROCHIP-25AA02E48_13 Datasheet
626Kb / 28P
2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
25AA02E48 MICROCHIP-25AA02E48_16 Datasheet
409Kb / 28P
2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
24AA02E48 MICROCHIP-24AA02E48_16 Datasheet
450Kb / 32P
2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
11AA02E48 MICROCHIP-11AA02E48_16 Datasheet
494Kb / 32P
2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com