Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY883 Datasheet (PDF) - NXP Semiconductors

BGY883 Datasheet PDF - NXP Semiconductors
Part # BGY883
Download  BGY883 Download
File Size   187.01 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 860 MHz, 15 dB gain push-pull amplifier

BGY883 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGY883 Datasheet PDF - NXP Semiconductors

Part # BGY883
Download  BGY883 Click to download

File Size   187.01 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 860 MHz, 15 dB gain push-pull amplifier

BGY883 Datasheet (HTML) - NXP Semiconductors


BGY883 Product details

FEATURES
 Excellent linearity
 Extremely low noise
 Silicon nitride passivation
 Rugged construction
 Gold metallization ensures excellent reliability.

DESCRIPTION
Hybrid amplifier module designed for
CATV systems operating over a
frequency range of 40 to 860 MHz at
a voltage supply of 24 V (DC).




Similar Part No. - BGY883

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY883 PHILIPS-BGY883 Datasheet
62Kb / 8P
CATV amplifier module
1997 Apr 14
logo
Quanzhou Jinmei Electro...
BGY883 JMNIC-BGY883_15 Datasheet
55Kb / 8P
860 MHz, 15 dB gain push-pull amplifier
BGY883_2015 JMNIC-BGY883_2015 Datasheet
55Kb / 8P
860 MHz, 15 dB gain push-pull amplifier
More results


Similar Description - BGY883

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY887B PHILIPS-CGY887B Datasheet
50Kb / 8P
860 MHz, 27.8 dB gain push-pull amplifier
2001 Nov 27
BGE885 NXP-BGE885_01 Datasheet
56Kb / 8P
860 MHz, 17 dB gain push-pull amplifier
2001 Oct 31
BGX885N NXP-BGX885N_01 Datasheet
57Kb / 8P
860 MHz, 17 dB gain push-pull amplifier
2001 Nov 14
logo
Quanzhou Jinmei Electro...
BGY883_2015 JMNIC-BGY883_2015 Datasheet
55Kb / 8P
860 MHz, 15 dB gain push-pull amplifier
CGY887B_2015 JMNIC-CGY887B_2015 Datasheet
56Kb / 8P
860 MHz, 27.8 dB gain push-pull amplifier
BGE885 JMNIC-BGE885_15 Datasheet
56Kb / 8P
860 MHz, 17 dB gain push-pull amplifier
BGX885N JMNIC-BGX885N_15 Datasheet
57Kb / 8P
860 MHz, 17 dB gain push-pull amplifier
BGY883 JMNIC-BGY883_15 Datasheet
55Kb / 8P
860 MHz, 15 dB gain push-pull amplifier
BGY887 JMNIC-BGY887_15 Datasheet
65Kb / 12P
860 MHz, 21.5 dB gain push-pull amplifier
BGY888 JMNIC-BGY888_15 Datasheet
65Kb / 12P
860 MHz, 34 dB gain push-pull amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com