Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL06141 Datasheet (PDF) - NXP Semiconductors

CBTL06141 Datasheet PDF - NXP Semiconductors
Part # CBTL06141
Download  CBTL06141 Download
File Size   392.85 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Gen1 display 2 : 1 multiplexer

CBTL06141 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTL06141 Datasheet PDF - NXP Semiconductors

Part # CBTL06141
Download  CBTL06141 Click to download

File Size   392.85 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Gen1 display 2 : 1 multiplexer

CBTL06141 Datasheet (HTML) - NXP Semiconductors


CBTL06141 Product details

General description
The CBTL06141 is a six-channel (‘hex’) multiplexer for DisplayPort and PCI Express
applications at Generation 1 (‘Gen1’) speeds. It provides four differential channels
capable of 1 : 2 switching or 2 : 1 multiplexing (bidirectional and AC-coupled) PCI Express
or DisplayPort signals, using high-bandwidth pass-gate technology. Additionally, it
provides for switching/multiplexing of the Hot Plug Detect signal as well as the AUX or
DDC (Direct Display Control) signals, for a total of six channels on the display side. The
AUX and DDC channels provide a four-position multiplexer such that an additional level of
multiplexing can be accomplished when AUX and DDC I/Os are on separate pins of the
display source device.
The CBTL06141 is designed for Gen1 speeds, at 2.5 Gbit/s for PCI Express or 2.7 Gbit/s
for DisplayPort, and for inputs voltages of up to 3.3 V typical. It consumes very low current
in operational mode (less than 1 mA typical) and provides for a shutdown function (less
than 10 μA) to support battery-powered applications.
A typical application of CBTL06141 is on motherboards where one of two GPU display
sources needs to be selected to connect to a display sink device or connector. A controller
chip selects which path to use by setting a select signal HIGH or LOW. Due to the
non-directional nature of the signal paths (which use high-bandwidth passgate
technology), the CBTL06141 can also be used in the reverse topology, e.g., to connect
one display source device to one of two display sink devices or connectors.
Optionally, the hex MUX device can be used in conjunction with an HDMI/DVI level shifter
device (PTN3300A, PTN3300B or PTN3301) to allow for DisplayPort as well as HDMI/DVI
connectivity.

Features and benefits
- 1 : 2 switching or 2 : 1 multiplexing of DisplayPort (v1.1 - 2.7 Gbit/s) or PCI Express
(v1.1 - 2.5 Gbit/s) signals
- 4 high-speed differential channels with 2 : 1 muxing/switching for DisplayPort or
PCI Express signals
- 1 channel with 4 : 1 muxing/switching for AUX differential signals or DDC
single-ended clock and data signals
- 1 channel with 2 : 1 muxing/switching for single-ended HPD signals
- High-bandwidth analog pass-gate technology
- Very low intra-pair differential skew (< 5 ps)
- Very low inter-pair skew (< 180 ps)
- Switch/multiplexer position select CMOS input
- Shutdown mode CMOS input
- Shutdown mode minimizes power consumption while switching all channels off
- DDC and AUX ports tolerant to being pulled to +5 V via 2.2 kΩ resistor
- Supports HDMI/DVI incorrect dongle connection
- Single 3.3 V power supply
- Very low operation current of 0.2 mA typical
- Very low shutdown current of < 10 μA
- ESD 8 kV HBM, 1 kV CDM
- ESD 2 kV HBM, 500 V CDM for control pins
- Available in 5 mm × 5 mm, 0.5 mm ball pitch TFBGA48 package

Applications
- Motherboard applications requiring DisplayPort and PCI Express switching/multiplexing
- Docking stations
- Notebook computers
- Chip sets requiring flexible allocation of PCI Express or DisplayPort I/O pins to board
connectors




Similar Part No. - CBTL06141

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL06141EE PHILIPS-CBTL06141EE Datasheet
45Kb / 3P
CBTL06141 - Gen1 Hex Display Multiplexer with 4 1 DDC/AUX Multiplexer
7/22/2009
More results


Similar Description - CBTL06141

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
2:1 Multiplexer
February, 2000 ??Rev. 1
MC10EL58 ONSEMI-MC10EL58 Datasheet
72Kb / 2P
2:1 Multiplexer
1996 REV 2
logo
NXP Semiconductors
CBTL06121 NXP-CBTL06121 Datasheet
109Kb / 19P
Gen1 hex display multiplexer
Rev. 01-23 May 2008
CBTL06DP211 NXP-CBTL06DP211 Datasheet
153Kb / 18P
DisplayPort Gen1 2 : 1 multiplexer
Rev. 1-21 February 2011
CBTL06141EE PHILIPS-CBTL06141EE Datasheet
45Kb / 3P
CBTL06141 - Gen1 Hex Display Multiplexer with 4 1 DDC/AUX Multiplexer
7/22/2009
logo
Renesas Technology Corp
9DML2855 RENESAS-9DML2855 Datasheet
527Kb / 19P
2:8 PCIe Gen1–5 Clock Multiplexer
March 16, 2020
IDT5V41067A RENESAS-IDT5V41067A Datasheet
386Kb / 14P
2:4 PCIE GEN1/2/3 CLOCK MULTIPLEXER
112211
IDT5V41068A RENESAS-IDT5V41068A Datasheet
360Kb / 14P
2:1 PCIE GEN1/2/3 CLOCK MULTIPLEXER
040616
IDT6V31023 RENESAS-IDT6V31023 Datasheet
371Kb / 14P
2:1 PCIE GEN1/2/3 CLOCK MULTIPLEXER
REV B 053112
ICS557-08 RENESAS-ICS557-08 Datasheet
321Kb / 13P
2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1
112111
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com