Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS557-08 Datasheet (PDF) - Renesas Technology Corp

ICS557-08 Datasheet PDF - Renesas Technology Corp
Part # ICS557-08
Download  ICS557-08 Download
File Size   321.36 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1

ICS557-08 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS557-08 Datasheet PDF - Renesas Technology Corp

Part # ICS557-08
Download  ICS557-08 Click to download

File Size   321.36 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1

ICS557-08 Datasheet (HTML) - Renesas Technology Corp


ICS557-08 Product details

Features
• Packaged in 16-pin TSSOP
• Pb (lead) free package
• Operating voltage of 3.3 V
• Low power consumption
• Input clock frequency of up to 200 MHz
• For PCIe Gen2/3 applications, see the 5V41068A




Similar Part No. - ICS557-08

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-08 ICST-ICS557-08 Datasheet
199Kb / 11P
2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS
More results


Similar Description - ICS557-08

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-08 ICST-ICS557-08 Datasheet
199Kb / 11P
2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS
logo
NXP Semiconductors
CBTL06DP211 NXP-CBTL06DP211 Datasheet
153Kb / 18P
DisplayPort Gen1 2 : 1 multiplexer
Rev. 1-21 February 2011
CBTL02042A NXP-CBTL02042A Datasheet
336Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL02043A NXP-CBTL02043A Datasheet
211Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
PCI-EXPRESS GEN1 CLOCK SOURCE
logo
NXP Semiconductors
CBTL06141 NXP-CBTL06141 Datasheet
392Kb / 18P
Gen1 display 2 : 1 multiplexer
Rev. 2 - 15 July 2010
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
PCI-EXPRESS GEN1 CLOCK SOURCE
072512
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com