Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS557-08 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS557-08
Description  2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-08 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS557-08 Datasheet HTML 1Page - Renesas Technology Corp ICS557-08 Datasheet HTML 2Page - Renesas Technology Corp ICS557-08 Datasheet HTML 3Page - Renesas Technology Corp ICS557-08 Datasheet HTML 4Page - Renesas Technology Corp ICS557-08 Datasheet HTML 5Page - Renesas Technology Corp ICS557-08 Datasheet HTML 6Page - Renesas Technology Corp ICS557-08 Datasheet HTML 7Page - Renesas Technology Corp ICS557-08 Datasheet HTML 8Page - Renesas Technology Corp ICS557-08 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ICS557-08
2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1
PCIE MULTIPLEXER
IDT® 2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1
2
ICS557-08
REV L 112111
Pin Assignment
Select Table
Pin Descriptions
1
2
3
IN2
4
IN1
5
6
GND
7
8
GND
VDD
SEL
IN2
IN1
16
PD
GND
CLK
VDD
15
14
13
12
11
10
9
16-pin (173 mil) TSSOP
OE
VDD
IREF
CLK
SEL
Input Pair Selected
0IN2/ IN2
1IN1/ IN1
Pin
Pin Name
Pin Type
Pin Description
1
VDD
Power
Connect to +3.3 V. Supply voltage for Input clocks.
2
IN1
Input
HCSL true input signal 1.
3
IN1
Input
HCSL complimentary input signal 1.
4
PD
Input
Powers down the chip and tri-states outputs when low. Internal pull-up
5
IN2
Input
HCSL true input signal 2.
6
IN2
Input
HCSL complimentary input signal 2.
7
OE
Input
Provides output or, tri-states output (High = enable outputs; Low = disable).
Internal pull-up resistor.
8
GND
Power
Connect to ground.
9
IREF
Output
Precision resistor attached to this pin is connected to the internal current
10
VDD
Power
Connect to +3.3 V. Supply Voltage for Output Clocks.
11
VDD
Power
Connect to +3.3 V. Supply Voltage for Output Clocks.
12
GND
Power
Connect to ground.
13
GND
Power
Connect to ground.
14
CLK
Output
HCSL/LVDS Complimentary output clock .
15
CLK
Output
HCSL/LVDS True output clock.
16
SEL
Input
SEL=1 selects IN1/IN1. SEL =0 selects IN2/ IN2. Internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com