Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS557-08 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS557-08
Description  2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-08 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS557-08 Datasheet HTML 1Page - Renesas Technology Corp ICS557-08 Datasheet HTML 2Page - Renesas Technology Corp ICS557-08 Datasheet HTML 3Page - Renesas Technology Corp ICS557-08 Datasheet HTML 4Page - Renesas Technology Corp ICS557-08 Datasheet HTML 5Page - Renesas Technology Corp ICS557-08 Datasheet HTML 6Page - Renesas Technology Corp ICS557-08 Datasheet HTML 7Page - Renesas Technology Corp ICS557-08 Datasheet HTML 8Page - Renesas Technology Corp ICS557-08 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1
ICS557-08
IDT® 2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1
1
ICS557-08
REV L 112111
Description
The ICS557-08 is a 2:1 multiplexer chip that allows the user
to select one of the two HCSL (Host Clock Signal Level)
input pairs and fans out to one pair of differential HCSL or
LVDS outputs. This chip is suited especially for
PCI-Express applications, where there is a need to select
the PCI-Express clock either locally from the PCI-E card or
from the motherboard.
Features
• Packaged in 16-pin TSSOP
• Pb (lead) free package
• Operating voltage of 3.3 V
• Low power consumption
• Input clock frequency of up to 200 MHz
• For PCIe Gen2/3 applications, see the 5V41068A
Block Diagram
VDD
Rr (IREF)
CLK
CLK
SEL
GND
IN1
IN1
IN2
IN2
MUX
2 to 1
OE
3
3
PD


Similar Part No. - ICS557-08

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-08 ICST-ICS557-08 Datasheet
199Kb / 11P
2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS
More results

Similar Description - ICS557-08

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-08 ICST-ICS557-08 Datasheet
199Kb / 11P
2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS
logo
NXP Semiconductors
CBTL06DP211 NXP-CBTL06DP211 Datasheet
153Kb / 18P
DisplayPort Gen1 2 : 1 multiplexer
Rev. 1-21 February 2011
CBTL02042A NXP-CBTL02042A Datasheet
336Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL02043A NXP-CBTL02043A Datasheet
211Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
PCI-EXPRESS GEN1 CLOCK SOURCE
logo
NXP Semiconductors
CBTL06141 NXP-CBTL06141 Datasheet
392Kb / 18P
Gen1 display 2 : 1 multiplexer
Rev. 2 - 15 July 2010
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
PCI-EXPRESS GEN1 CLOCK SOURCE
072512
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com