Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8XCE598 Datasheet (PDF) - NXP Semiconductors

P8XCE598 Datasheet PDF - NXP Semiconductors
Part # P8XCE598
Download  P8XCE598 Download
File Size   513.09 Kbytes
Page   108 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit microcontroller with on-chip CAN

P8XCE598 Datasheet (PDF)

Go To PDF Page Download Datasheet
P8XCE598 Datasheet PDF - NXP Semiconductors

Part # P8XCE598
Download  P8XCE598 Click to download

File Size   513.09 Kbytes
Page   108 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit microcontroller with on-chip CAN

P8XCE598 Datasheet (HTML) - NXP Semiconductors


P8XCE598 Product details

1 FEATURES
· 80C51 central processing unit (CPU)
· 32 kbytes on-chip ROM,
externally expandible to 64 kbytes
· 2 ´ 256 bytes on-chip RAM,
externally expandible to 64 kbytes
· Two standard 16-bit timers/counters
· One additional 16-bit timer/counter coupled to four
capture and three compare registers
· 10-bit ADC with 8 multiplexed analog inputs
· Two 8-bit resolution Pulse Width Modulated outputs
· 15 interrupt sources with 2 priority levels
(2 to 6 external interrupt sources possible)
· Five 8-bit I/O ports, plus one 8-bit input port shared with
analog inputs
· CAN-controller (CAN = Controller Area Network)
with DMA data transfer facility to internal RAM
· 1 Mbit/s CAN-controller with bus failure management
facility
· 1¤2AVDD reference voltage
· Full-duplex UART compatible with the standard 80C51
· On-chip Watchdog Timer (WDT)
· 1.2 to 16 MHz clock frequency
· Improved Electromagnetic Compatibility (EMC).

2 GENERAL DESCRIPTION
The P8xCE598 is a single-chip 8-bit high-performance
microcontroller with on-chip CAN-controller, derived from
the 80C51 microcontroller family.
It uses the powerful 80C51 instruction set.
Figure 1 shows a block diagram of the P8xCE598.
The P8xCE598 is manufactured in an advanced CMOS
process, and is designed for use in automotive and
general industrial applications. In addition to the 80C51
standard features, the device provides a number of
dedicated hardware functions for these applications.
Two versions of the P8xCE598 will be offered:
· P80CE598 (without ROM)
· P83CE598 (with ROM)
Hereafter these versions will be referred to as P8xCE598.
The temperature range includes (max. fCLK = 16 MHz):
· -40 to +85 °C version, for general applications
· -40 to +125 °C version for automotive applications.
The P8xCE598 combines the functions of P8XC552
(microcontroller) and the PCA82C200 (Philips
CAN-controller) with the following enhanced features:
· 32 kbytes Program Memory
· 2 ´ 256 bytes Data Memory
· DMA between CAN Transmit/Receive Buffer and
internal RAM.
The main differences to the P8xC552 microcontroller are:
· 32 kbytes programmable ROM (P8xC552 has 8 kbytes)
· Additional 256 bytes RAM
· A CAN-controller instead of the I2C-serial interface.
2.1 Electromagnetic Compatibility (EMC)
Primary attention is paid to the reduction of
electromagnetic emission of the microcontroller
P8xCE598. The following features reduce the
electromagnetic emission and additionally improve the
electromagnetic susceptibility:
· One analog part power supply pin (AVDD) and one
analog part ground pin (AVSS), placed as a pair of pins
on one side of the package (see Fig.3), providing power
supply (+5V) and ground for ADC, CAN receiver and
reference voltage.
· Four digital part supply voltage pins (VDD1 to VDD4) and
four digital part ground pins (VSS1 to VSS4) are provided
on the package. These pins, one VDD and one VSS as a
pair of pins are placed on each of the four sides of the
package to provide:
– VDD1/VSS1 for internal logic (CPU, Timers/counters,
Memory, CAN, UART, ADC)
– VDD2/VSS2 for Port 1, Port 3 and Port 4, and PWM0
and PWM1 outputs
– VDD3/VSS3 for the on-chip oscillator
– VDD4/VSS4 for the Port 0, Port 2, ALE output and
PSEN output.
· External capacitors should be connected across
associated VDDx and VSSx pins (i.e. VDD1 and VSS1).
Lead length should be as short as possible. Ceramic
chip capacitors are recommended (100 nF).
· One CAN supply voltage pin (CVDD) and one CAN
ground pin (CVSS) as a pair of pins placed on one side
of the package providing (digital part) power supply
(+5V) and ground for the CAN transmitter outputs.
· Internal decoupling capacitance improves the EMC
radiation behaviour and the EMC immunity.




Similar Part No. - P8XCE598

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P8XCE598 PHILIPS-P8XCE598 Datasheet
507Kb / 108P
8-bit microcontroller with on-chip CAN
1996 Jun 27
More results


Similar Description - P8XCE598

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C851 PHILIPS-80C851 Datasheet
182Kb / 22P
CMOS single-chip 8-bit microcontroller with on-chip EEPROM
1998 Jul 03
logo
ATMEL Corporation
T89C51CC02 ATMEL-T89C51CC02 Datasheet
1Mb / 154P
Enhanced 8-bit Microcontroller with CAN Controller and Flash
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
NXP Semiconductors
P8XC591 PHILIPS-P8XC591 Datasheet
601Kb / 160P
Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
P8XCE598 PHILIPS-P8XCE598 Datasheet
507Kb / 108P
8-bit microcontroller with on-chip CAN
1996 Jun 27
P8XC592 PHILIPS-P8XC592 Datasheet
459Kb / 108P
8-bit microcontroller with on-chip CAN
1996 Jun 27
logo
ATMEL Corporation
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
Enhanced 8-bit Microcontroller with CAN Controller and Flash
logo
NXP Semiconductors
P89C66X PHILIPS-P89C66X Datasheet
24Kb / 6P
On-chip Flash 8-bit microcontroller Errata Sheet
2001 Nov 01
P8XC591 NXP-P8XC591 Datasheet
610Kb / 160P
Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
P8XC592 NXP-P8XC592 Datasheet
504Kb / 108P
8-bit microcontroller with on-chip CAN
1996 Jun 27
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com