Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C851 Datasheet (PDF) - NXP Semiconductors

80C851 Datasheet PDF - NXP Semiconductors
Part # 80C851
Download  80C851 Download
File Size   182.08 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CMOS single-chip 8-bit microcontroller with on-chip EEPROM

80C851 Datasheet (PDF)

Go To PDF Page Download Datasheet
80C851 Datasheet PDF - NXP Semiconductors

Part # 80C851
Download  80C851 Click to download

File Size   182.08 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CMOS single-chip 8-bit microcontroller with on-chip EEPROM

80C851 Datasheet (HTML) - NXP Semiconductors


80C851 Product details

DESCRIPTION
The Philips 80C851/83C851 is a high-performance microcontroller fabricated with Philips high-density CMOS technology. The 80C851/83C851 has the same instruction set as the 80C51. The Philips CMOS technology combines the high speed and density characteristics of HMOS with the low power attributes of CMOS. The Philips epitaxial substrate minimizes latch-up sensitivity.

FEATURES
• 80C51 based architecture
   – 4k × 8 ROM
   – 128 × 8 RAM
   – Two 16-bit counter/timers
   – Full duplex serial channel
   – Boolean processor
• Non-volatile 256 × 8-bit EEPROM(electrically erasable programmable read only memory)
   – On-chip voltage multiplier for erase/write
   – 10,000 erase/write cycles per byte
   – 10 years non-volatile data retention
   – Infinite number of read cycles
   – User selectable security mode
   – Block erase capability
• Mask-programmable ROM code protection
• Memory addressing capability
   – 64k ROM and 64k RAM
• Power control modes:
   – Idle mode
   – Power-down mode
• CMOS and TTL compatible
• 1.2 to 16MHz or 3.5 to 24MHz
• Three package styles
• Three temperature ranges
• ROM code protection




Similar Part No. - 80C851

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
CMOS 16-Bit Microprocessor
January 9, 2009
80C86 INTERSIL-80C86 Datasheet
804Kb / 37P
CMOS 16-Bit Microprocessor
August 22, 2006
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
CMOS 16-Bit Microprocessor
January 9, 2009
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
CMOS 16-Bit Microprocessor
logo
Intersil Corporation
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
CMOS 16-Bit Microprocessor
August 22, 2006
More results


Similar Description - 80C851

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37640E8 MITSUBISHI-M37640E8 Datasheet
1Mb / 172P
SINGLE-CHIP 8-BIT CMOS MICROCONTROLLER
logo
NXP Semiconductors
80C528 PHILIPS-80C528 Datasheet
447Kb / 26P
CMOS single-chip 8-bit microcontroller
1995 Feb 02
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
CMOS single-chip 8-bit microcontroller
1998 Jan 06
87C654 PHILIPS-87C654 Datasheet
480Kb / 28P
CMOS single-chip 8-bit microcontroller
1996 Aug 16
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
GMS81504 ETC2-GMS81504 Datasheet
299Kb / 54P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
8-Bit CMOS Single-Chip Microcontroller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com