Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C86 Datasheet (PDF) - Intersil Corporation

80C86 Datasheet PDF - Intersil Corporation
Part # 80C86
Download  80C86 Download
File Size   339.13 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 16-Bit Microprocessor

80C86 Datasheet (PDF)

Go To PDF Page Download Datasheet
80C86 Datasheet PDF - Intersil Corporation

Part # 80C86
Download  80C86 Click to download

File Size   339.13 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 16-Bit Microprocessor

80C86 Datasheet (HTML) - Intersil Corporation


80C86 Product details

The Intersil 80C86 high performance 16-bit CMOS CPU is manufactured using a self-aligned silicon gate CMOS process (Scaled SAJI IV). Two modes of operation, minimum for small systems and maximum for larger applications such as multiprocessing, allow user configuration to achieve the highest performance level. Full TTL compatibility (with the exception of CLOCK) and industry standard operation allow use of existing NMOS 8086 hardware and software designs.



Features

• Compatible with NMOS 8086

• Completely Static CMOS Design

   - DC . . . . . . . . . . . . . . . . . . . . . . . . . . . .8MHz (80C86-2)

• Low Power Operation

   - lCCSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA Max

   - ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . 10mA/MHz Typ

• 1MByte of Direct Memory Addressing Capability

• 24 Operand Addressing Modes

• Bit, Byte, Word and Block Move Operations

• 8-Bit and 16-Bit Signed/Unsigned Arithmetic

   - Binary, or Decimal

   - Multiply and Divide

• Wide Operating Temperature Range

   - C80C86 . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C

   - M80C86 . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C

• Pb-Free Available (RoHS Compliant)



 




Similar Part No. - 80C86

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
804Kb / 37P
CMOS 16-Bit Microprocessor
August 22, 2006
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
CMOS 16-Bit Microprocessor
January 9, 2009
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
CMOS 16-Bit Microprocessor
logo
Intersil Corporation
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
CMOS 16-Bit Microprocessor
August 22, 2006
More results


Similar Description - 80C86

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Intersil Corporation
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
CMOS 8/16-Bit Microprocessor
March 1997
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
Radiation Hardened 16-Bit CMOS Microprocessor
1995 09
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
CMOS 8/16-Bit Microprocessor
November 2004
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
CMOS 16-Bit Microprocessor
August 22, 2006
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
CMOS 8-/16-Bit Microprocessor
February 22, 2008
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
CMOS 16-Bit Microprocessor
January 9, 2009
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
CMOS 16-Bit Microprocessor
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
CMOS 8-/16-Bit Microprocessor
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com