Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-80C86RH Datasheet (PDF) - Intersil Corporation

HS-80C86RH Datasheet PDF - Intersil Corporation
Part # HS-80C86RH
Download  HS-80C86RH Download
File Size   239.92 Kbytes
Page   37 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 16-Bit CMOS Microprocessor

HS-80C86RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-80C86RH Datasheet PDF - Intersil Corporation

Part # HS-80C86RH
Download  HS-80C86RH Click to download

File Size   239.92 Kbytes
Page   37 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 16-Bit CMOS Microprocessor

HS-80C86RH Datasheet (HTML) - Intersil Corporation


HS-80C86RH Product details

The Intersil HS-80C86RH high performance radiation hardened 16-bit CMOS CPU is manufactured using a hardened field, self aligned silicon gate CMOS process. Two modes of operation, MINimum for small systems and MAXimum for larger applications such as multiprocessing, allow user configuration to achieve the highest performance level. Industry standard operation allows use of existing NMOS 8086 hardware and software designs.

Features
• Electrically Screened to SMD # 5962-95722
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Performance
    - Latch Up Free EPl-CMOS
    - Total Dose. . . . . . . . . . . . . . . . . . . . . 100 krad(Si) (Max)
    - Transient Upset. . . . . . . . . . . . . . . . . . . . >108 rad(Si)/s
• Low Power Operation
    - ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . 500µA (Max)
    - ICCOP . . . . . . . . . . . . . . . . . . . . . . . 12mA/MHz (Max)
• Pin Compatible with NMOS 8086 and Intersil 80C86
• Completely Static Design DC to 5MHz
• 1MB Direct Memory Addressing Capability
• 24 Operand Addressing Modes
• Bit, Byte, Word, and Block Move Operations
• 8-Bit and 16-Bit Signed/Unsigned Arithmetic
    - Binary or Decimal
    - Multiply and Divide
• Bus-Hold Circuitry Eliminates Pull-up Resistors for CMOS Designs
• Hardened Field, Self-Aligned, Junction-Isolated CMOS Process
• Single 5V Power Supply
• Military Temperature Range . . . . . . . . . . . -35oC to 125oC
• Minimum LET for Single Event Upset . . . . . . . . . . . . . 6MEV/mg/cm2 (Typ)




Similar Part No. - HS-80C86RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
321Kb / 29P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
More results


Similar Description - HS-80C86RH

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
CMOS 16-Bit Microprocessor
January 9, 2009
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
Radiation Hardened 8-Bit CMOS Microprocessor
1996 02
HS-83C55RH INTERSIL-HS-83C55RH Datasheet
708Kb / 12P
Radiation Hardened 16K Bit CMOS ROM
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
CMOS 16-Bit Microprocessor
August 22, 2006
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
Radiation Hardened 8-Bit CMOS Microprocessor
August 2000
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
CMOS 16-Bit Microprocessor
January 9, 2009
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
CMOS 16-Bit Microprocessor
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com