Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-80C86RH Datasheet (PDF) - Renesas Technology Corp

HS-80C86RH Datasheet PDF - Renesas Technology Corp
Part # HS-80C86RH
Download  HS-80C86RH Download
File Size   1425.73 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 16-Bit CMOS Microprocessor

HS-80C86RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-80C86RH Datasheet PDF - Renesas Technology Corp

Part # HS-80C86RH
Download  HS-80C86RH Click to download

File Size   1425.73 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 16-Bit CMOS Microprocessor

HS-80C86RH Datasheet (HTML) - Renesas Technology Corp


HS-80C86RH Product details

Features
•Electrically Screened to SMD # 5962-95722
•QML Qualified per MIL-PRF-38535 Requirements
•Radiation Performance
-Latch Up Free EPl-CMOS
-Total Dose. . . . . . . . . . . . . . . . . . . . .100 krad(Si) (Max)
-Transient Upset . . . . . . . . . . . . . . . . . . . .>108 rad(Si)/s
•Low Power Operation
-ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . .500A (Max)
-ICCOP . . . . . . . . . . . . . . . . . . . . . . . 12mA/MHz (Max)
•Pin Compatible with NMOS 8086 and Intersil 80C86
•Completely Static Design DC to 5MHz
•1MB Direct Memory Addressing Capability
•24 Operand Addressing Modes
•Bit, Byte, Word, and Block Move Operations
•8-Bit and 16-Bit Signed/Unsigned Arithmetic
-Binary or Decimal
-Multiply and Divide
•Bus-Hold Circuitry Eliminates Pull-up Resistors for CMOS Designs
•Hardened Field, Self-Aligned, Junction-Isolated CMOS Process
•Single 5V Power Supply
•Military Temperature Range. . . . . . . . . . . -35oC to 125oC
•Minimum LET for
Single Event Upset . . . . . . . . . . . . .6MEV/mg/cm2 (Typ)




Similar Part No. - HS-80C86RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
Radiation Hardened 16-Bit CMOS Microprocessor
1995 09
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
321Kb / 29P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
More results


Similar Description - HS-80C86RH

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
CMOS 16-Bit Microprocessor
January 9, 2009
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
Radiation Hardened 8-Bit CMOS Microprocessor
1996 02
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
Radiation Hardened 16-Bit CMOS Microprocessor
1995 09
HS-83C55RH INTERSIL-HS-83C55RH Datasheet
708Kb / 12P
Radiation Hardened 16K Bit CMOS ROM
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
CMOS 16-Bit Microprocessor
August 22, 2006
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
Radiation Hardened 8-Bit CMOS Microprocessor
August 2000
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
CMOS 16-Bit Microprocessor
January 9, 2009
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
CMOS 16-Bit Microprocessor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com