Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA07F Datasheet (PDF) - NXP Semiconductors

TCA07F Datasheet PDF - NXP Semiconductors
Part # TCA07F
Download  TCA07F Download
File Size   85.34 Kbytes
Page   3 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Integrated Miniaturized Antenna for 433 MHz ISM Band Wireless RF Applications

TCA07F Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA07F Datasheet PDF - NXP Semiconductors

Part # TCA07F
Download  TCA07F Click to download

File Size   85.34 Kbytes
Page   3 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Integrated Miniaturized Antenna for 433 MHz ISM Band Wireless RF Applications

TCA07F Datasheet (HTML) - NXP Semiconductors


TCA07F Product details

TCA07F is an advanced, surface-mount(SMT) integrated antenna for
use in various wireless products, ideal for high-sensitivity and low
profile design.

Features:
• Miniaturized size
• Omni-direction
• Low interference design
• Wide bandwidth
• Light weight
• High gain




Similar Part No. - TCA07F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA0372 MOTOROLA-TCA0372 Datasheet
158Kb / 8P
Dual Power Operational Amplifier
logo
ON Semiconductor
TCA0372 ONSEMI-TCA0372 Datasheet
150Kb / 8P
Dual Power Operational Amplifier
1999 REV 2
TCA0372 ONSEMI-TCA0372 Datasheet
142Kb / 10P
1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
TCA0372 ONSEMI-TCA0372 Datasheet
188Kb / 10P
1.0 A Output Current, Dual Power Operational Amplifiers
May, 2013 ??Rev. 11
TCA0372B ONSEMI-TCA0372B Datasheet
142Kb / 10P
1.0 A Output Current, Dual Power Operational Amplifiers
July, 2005 ??Rev. 9
More results


Similar Description - TCA07F

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
ISM 433 MHz ASK Transmitter
logo
Tyco Electronics
1307028 MACOM-1307028 Datasheet
190Kb / 2P
Dipole Antenna for ISM Band
logo
Johanson Technology Inc...
0433AT62A0020 JOHANSON-0433AT62A0020 Datasheet
256Kb / 3P
433 MHz Antenna
logo
Motorola, Inc
MC13146 MOTOROLA-MC13146 Datasheet
599Kb / 16P
Low Power Integrated Transmitter for ISM Band Applications
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
Taoglas antenna solutio...
IS05B301111 TAOGLAS-IS05B301111 Datasheet
1Mb / 18P
915 MHz Hercules ISM Band Antenna
logo
Suntsu Electronics, Inc...
SATCA-9A4A2A-ISB4 SUNTSU-SATCA-9A4A2A-ISB4 Datasheet
970Kb / 5P
ISM 433/868/915 Band
SATCA-10F3A1G-ISB4 SUNTSU-SATCA-10F3A1G-ISB4 Datasheet
1,006Kb / 5P
ISM 433/868/915 Band
logo
AUREL S.p.A.
650201460G AUREL-650201460G Datasheet
1Mb / 1P
433 MHz ASK transmitter with integrated antenna
logo
NXP Semiconductors
TCA14A NXP-TCA14A Datasheet
207Kb / 3P
Integrated Miniaturized Antenna for 838~898 MHz ISM Band Wireless RF Applications
Ver1.1 11/15/2001
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com