Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW68G Datasheet (PDF) - Nexperia B.V. All rights reserved

BCW68G Datasheet PDF - Nexperia B.V. All rights reserved
Part # BCW68G
Download  BCW68G Download
File Size   270.9 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 45 V, 800 mA PNP general-purpose transistor

BCW68G Datasheet (PDF)

Go To PDF Page Download Datasheet
BCW68G Datasheet PDF - Nexperia B.V. All rights reserved

Part # BCW68G
Download  BCW68G Click to download

File Size   270.9 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 45 V, 800 mA PNP general-purpose transistor

BCW68G Datasheet (HTML) - Nexperia B.V. All rights reserved


BCW68G Product details

1 General description
PNP general-purpose transistors in a small SOT23 (TO-236AB) Surface-Mounted Device
(SMD) plastic package.
NPN complements: BCW66F/G/H

2 Features and benefits
• High current
• AEC-Q101 qualified

3 Applications
• General-purpose switching and amplification
4 Quick reference data




Similar Part No. - BCW68G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68G ZETEX-BCW68G Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCW68G SIEMENS-BCW68G Datasheet
134Kb / 6P
PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Fairchild Semiconductor
BCW68G FAIRCHILD-BCW68G Datasheet
37Kb / 4P
PNP General Purpose Amplifier
logo
Micro Commercial Compon...
BCW68G MCC-BCW68G Datasheet
89Kb / 2P
PNP Small Signal Transistor 330mW
logo
Infineon Technologies A...
BCW68G INFINEON-BCW68G Datasheet
50Kb / 5P
PNP Silicon AF Transistors
Jul-10-2001
More results


Similar Description - BCW68G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB709ART NXP-2PB709ART Datasheet
100Kb / 10P
45 V, 100 mA PNP general-purpose transistor
Rev. 01-19 March 2007
BC857QAS PHILIPS-BC857QAS_15 Datasheet
215Kb / 13P
45 V, 100 mA PNP/PNP general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
BC857QAS NEXPERIA-BC857QAS Datasheet
688Kb / 13P
45 V, 100 mA PNP/PNP general-purpose transistor
BCW66 NEXPERIA-BCW66 Datasheet
300Kb / 14P
45 V, 800 mA NPN general-purpose transistor
BCW68 NEXPERIA-BCW68 Datasheet
272Kb / 13P
45 V, 800 mA PNP general-purpose transistor
2PB709ART NEXPERIA-2PB709ART Datasheet
591Kb / 10P
45 V, 100 mA PNP general-purpose transistor
Rev. 01 - 19 March 2007
BC857XQB-Q_SER NEXPERIA-BC857XQB-Q_SER Datasheet
245Kb / 13P
45 V, 100 mA PNP general-purpose transistor
Rev. 4 - 20 September 2021
BC857XQB_SER NEXPERIA-BC857XQB_SER Datasheet
245Kb / 13P
45 V, 100 mA PNP general-purpose transistor
Rev. 4 - 20 September 2021
BCW66X_SER NEXPERIA-BCW66X_SER Datasheet
299Kb / 14P
45 V, 800 mA NPN general-purpose transistor
Rev. 1 - 21 April 2017
BC857XQC-Q_SER NEXPERIA-BC857XQC-Q_SER Datasheet
248Kb / 13P
45 V, 100 mA PNP general-purpose transistor
Rev. 1 - 27 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com