Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1453D Datasheet (PDF) - Renesas Technology Corp

ADC1453D Datasheet PDF - Renesas Technology Corp
Part # ADC1453D
Download  ADC1453D Download
File Size   3231.27 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 14-bit ADC; up to 246 Msps; JESD204B serial outputs

ADC1453D Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1453D Datasheet PDF - Renesas Technology Corp

Part # ADC1453D
Download  ADC1453D Click to download

File Size   3231.27 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 14-bit ADC; up to 246 Msps; JESD204B serial outputs

ADC1453D Datasheet (HTML) - Renesas Technology Corp


ADC1453D Product details

1. General description
The ADC1453D is a dual channel 14-bit Analog-to-Digital Converter (ADC) with
JESD204B interface (which is backward compatible with the JESD204A interface)
optimized for high dynamic performance and low power consumption at sample rates up
to 246 Msps. Pipelined architecture and output error correction guarantee zero missing
codes over the entire operating range.
The ADC1453D has JESD204B serial outputs over a configurable number of lanes (1 or
2). Multiple Device Synchronization (MDS) allows sample-accurate synchronization of the
data outputs of multiple ADC devices. It guarantees a maximum skew of one clock period
between as many as 16 output lanes from up to eight ADC1453D devices.
An integrated Serial Peripheral Interface (SPI) allows easy configuration of the ADC. The
device also includes a programmable full-scale to allow a flexible input voltage range of
1 V (p-p) to 2 V (p-p).
The ADC1453D is available in an VFQFPN56 package (8 mm  8 mm outline). It is
supported with customer demo boards.

2. Features and benefits
 Dual channel 14-bit resolution ADC  SNR = 70.1 dBFS; fs = 246 Msps;
fi = 190 MHz
 Sampling rate up to 246 Msps  SFDR = 80 dBc; fs = 246 Msps;
fi
= 190 MHz
 JESD204B Device Subclass 0, 1 and 2
with harmonic clocking and deterministic
latency support
 IMD3 = 86 dBc; fs = 246 Msps;
fi1 = 188.5 MHz; fi2 = 191.5 MHz
 ADC Multiple Device Synchronization
(MDS)
 Analog input bandwidth of 1 GHz
(typical)
 Offset binary, two’s complement and
Gray output data
 Pin to pin compatible with ADC1413D
and ADC1443D series
 Two JESD204B serial output lanes, up
to 5 Gbps
 Typical power dissipation = 1.4 W;
fs = 246 Msps
 Flexible input voltage range from
1 V (p-p) to 2 V (p-p) by 1 dB steps
 Industrial temperature range from
40 C to +85 C
 Clock input divider from 1 to 8 supports
harmonic clocking
 Serial Peripheral Interface (SPI) for
configuration control and status
monitoring
 Duty Cycle Stabilizer (DCS)  VFQFPN56 package; 8  8 mm




Similar Part No. - ADC1453D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14061CCVT NSC-ADC14061CCVT Datasheet
471Kb / 20P
Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
ADC14071CIVBH NSC-ADC14071CIVBH Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
ADC14071EVAL NSC-ADC14071EVAL Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
More results


Similar Description - ADC1453D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA214S50 INTERSIL-ISLA214S50 Datasheet
1Mb / 41P
14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
December 21, 2011
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
May 7, 2012
logo
Integrated Device Techn...
ADC1443D125HD-C1 IDT-ADC1443D125HD-C1 Datasheet
928Kb / 50P
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
logo
Linear Technology
LTC2122 LINER-LTC2122_15 Datasheet
930Kb / 50P
Dual 14-Bit 170Msps ADC with JESD204B Serial Outputs
LTC2123 LINER-LTC2123_15 Datasheet
879Kb / 50P
Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com