Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14061 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
ADC14061 Datasheet PDF - National Semiconductor (TI)
Part # ADC14061
Download  ADC14061 Download
File Size   471.85 Kbytes
Page   20 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter

ADC14061 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC14061 Datasheet PDF - National Semiconductor (TI)

Part # ADC14061
Download  ADC14061 Click to download

File Size   471.85 Kbytes
Page   20 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter

ADC14061 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - ADC14061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
ADC14071CIVBH NSC-ADC14071CIVBH Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
ADC14071EVAL NSC-ADC14071EVAL Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
More results


Similar Description - ADC14061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
ADC14161 NSC-ADC14161 Datasheet
471Kb / 20P
Low-Distortion, Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC16061 NSC-ADC16061 Datasheet
472Kb / 20P
Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
14-Bit, 40 MSPS, 235 mW A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
14-Bit, 40 MSPS, 235 mW A/D Converter
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com