Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14061 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14061
Description  Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14061 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC14061 Datasheet HTML 1Page - National Semiconductor (TI) ADC14061 Datasheet HTML 2Page - National Semiconductor (TI) ADC14061 Datasheet HTML 3Page - National Semiconductor (TI) ADC14061 Datasheet HTML 4Page - National Semiconductor (TI) ADC14061 Datasheet HTML 5Page - National Semiconductor (TI) ADC14061 Datasheet HTML 6Page - National Semiconductor (TI) ADC14061 Datasheet HTML 7Page - National Semiconductor (TI) ADC14061 Datasheet HTML 8Page - National Semiconductor (TI) ADC14061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ADC14061
Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
General Description
The ADC14061 is a self-calibrating 14-bit, 2.5 Megasample
per second analog to digital converter. It operates on a single
+5V supply, consuming just 390mW (typ).
The ADC14061 provides an easy and affordable upgrade
from 12 bit converters. The ADC14061 may also be used to
replace many hybrid converters with a resultant saving of
space, power and cost.
The ADC14061 operates with excellent dynamic perfor-
mance at input frequencies up to 1⁄2 the clock frequency. The
calibration feature of the ADC14061 can be used to get more
consistent and repeatable results over the entire operating
temperature range. On-command self-calibration reduces
many of the effects of temperature-induced drift, resulting in
more repeatable conversions.
The Power Down feature reduces power consumption to
less than 2mW.
The ADC14061 comes in a TQFP and is designed to operate
over the commercial temperature range of 0˚C to +70˚C.
Features
n
Single +5V Operation
n
Auto-Calibration
n
Power Down Mode
n
TTL/CMOS Input/Output compatible
Key Specifications
n
Resolution
14 Bits
n
Conversion Rate
2.5 Msps (min)
n
DNL
0.3 LSB (typ)
n
SNR (f
IN = 500 kHz)
80 dB (typ)
n
ENOB
12.8 Bits (typ)
n
Supply Voltage
+5V ±5%
n
Power Consumption
390mW (typ)
Applications
n
Instrumentation
n
PC-Based Data Acquisition
n
Data Communications
n
Blood Analyzers
n
Sonar/Radar
Connection Diagram
Ordering Information
Commercial
(0˚C
≤ TA ≤ +70˚C)
Package
ADC14061CCVT
VEG52A 52 Pin Thin Quad Flat Pack
DS100103-1
January 2000
© 2000 National Semiconductor Corporation
DS100103
www.national.com


Similar Part No. - ADC14061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
ADC14071CIVBH NSC-ADC14071CIVBH Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
ADC14071EVAL NSC-ADC14071EVAL Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
More results

Similar Description - ADC14061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
ADC14161 NSC-ADC14161 Datasheet
471Kb / 20P
Low-Distortion, Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC16061 NSC-ADC16061 Datasheet
472Kb / 20P
Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
14-Bit, 40 MSPS, 235 mW A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
14-Bit, 40 MSPS, 235 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com