Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI4U Datasheet (PDF) - Renesas Technology Corp

ASI4U Datasheet PDF - Renesas Technology Corp
Part # ASI4U
Download  ASI4U Download
File Size   1199.65 Kbytes
Page   71 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AS-Interface Spec. V3.0 Compliant Universal AS-i IC

ASI4U Datasheet (PDF)

Go To PDF Page Download Datasheet
ASI4U Datasheet PDF - Renesas Technology Corp

Part # ASI4U
Download  ASI4U Click to download

File Size   1199.65 Kbytes
Page   71 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AS-Interface Spec. V3.0 Compliant Universal AS-i IC

ASI4U Datasheet (HTML) - Renesas Technology Corp


ASI4U Product details

Brief Description
The ASI4U is a next-generation CMOS integrated
circuit for AS-i networks. This low-level field bus AS-i
(Actuator Sensor Interface) was designed for easy,
safe, and cost-effective interconnection of sensors,
actuators, and switches. It transports both power
and data over the same two-wire unshielded cable.
The ASI4U is used as part of a master or slave node
and functions as an interface to the physical bus. It
provides the power supply, physical data transfer,
and communication protocol handling. The ASI4U is
fully compliant with the AS-Interface Complete
Specification V3.0. It is function and pin compatible
with the A²SI IC.
All configuration data are stored in an internal
EEPROM that can be easily programmed by a
stationary or handheld programming device. The
special AS-i safety option assures short response
times for security-related events

Features
• Compliant with AS-Interface Complete Specification V3.0
• Universal application: slaves, masters, repeaters,
and bus-monitors
• Floating AS-i transmitter and receiver for highly
symmetrical high-power applications
• On-chip electronic inductor with current drive
capability of 55 mA
• Two configurable LED outputs to support all
AS-Interface Complete Specification V3.0 status
indication modes
• Several data pre-processing functions, including
configurable data input filters and bit-selective
data inverting
• Additional addressing channel for easy wireless
module setup
• Support of 8 and 16 MHz crystals by automatic
frequency detection
• Special AS-i safety option
• Clock watchdog for high system security




Similar Part No. - ASI4U

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ASI4U ZMD-ASI4U Datasheet
1Mb / 57P
Universal Actuator-Sensor Interface IC
logo
List of Unclassifed Man...
ASI4U ETC2-ASI4U Datasheet
735Kb / 64P
3.0 Compliant Universal AS-I IC
logo
Integrated Device Techn...
ASI4U IDT-ASI4U Datasheet
1Mb / 70P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
List of Unclassifed Man...
ASI4U-E ETC2-ASI4U-E Datasheet
735Kb / 64P
3.0 Compliant Universal AS-I IC
ASI4U-F ETC2-ASI4U-F Datasheet
735Kb / 64P
3.0 Compliant Universal AS-I IC
More results


Similar Description - ASI4U

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2701A AMSCO-AS2701A Datasheet
180Kb / 16P
AS-Interface Slave IC
AS2702 AMSCO-AS2702 Datasheet
119Kb / 18P
AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
Spec. 3.0 Compatible universal as-i IC
A2SI-E ZMD-A2SI-E Datasheet
132Kb / 2P
Advanced AS-Interface IC
A2SI-L14-ST ZMD-A2SI-L14-ST Datasheet
136Kb / 2P
Low End Device AS-Interface IC
logo
ams AG
AS2702 AMSCO-AS2702_1 Datasheet
140Kb / 13P
AS-Interface Slave IC
logo
List of Unclassifed Man...
ASI4U ETC2-ASI4U_12 Datasheet
735Kb / 64P
3.0 Compliant Universal AS-I IC
logo
Integrated Device Techn...
ASI4U IDT-ASI4U Datasheet
1Mb / 70P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
SAP5 IDT-SAP5 Datasheet
874Kb / 66P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com