Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2SI-E Datasheet (PDF) - Zentrum Mikroelektronik Dresden AG

A2SI-E Datasheet PDF - Zentrum Mikroelektronik Dresden AG
Part # A2SI-E
Download  A2SI-E Download
File Size   132.16 Kbytes
Page   2 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description Advanced AS-Interface IC

A2SI-E Datasheet (PDF)

Go To PDF Page Download Datasheet
A2SI-E Datasheet PDF - Zentrum Mikroelektronik Dresden AG

Part # A2SI-E
Download  A2SI-E Click to download

File Size   132.16 Kbytes
Page   2 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description Advanced AS-Interface IC

A2SI-E Datasheet (HTML) - Zentrum Mikroelektronik Dresden AG


A2SI-E Product details

Description
A²SI-E is a monolithic CMOS integrated circuit certified for AS-i (Actuator Sensor-interface) networks. AS-i networks are intended for industrial automation.
   
Features
• AS-i Complete Specification V2.11 compliant
• Integrated EEPROM
• Additional addressing channel using an optoelectronic interface
• Extended address mode operation as programmable option (up to 62 slaves)
• High impedance AS-i line input, additional pins for further impedance optimizations
• DC voltage output, approximately 24 volts, not stabilized
• 5 volt DC voltage output, stabilized, CMOS logic can be supplied directly (e.g. µC)
• LED status indicator output (compliant with the standard indication recommendation)
• Integrated watchdog
• Temperature range -25°C to + 105°C
   




Similar Part No. - A2SI-E

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
A2SI-L14-SR ZMD-A2SI-L14-SR Datasheet
136Kb / 2P
Low End Device AS-Interface IC
A2SI-L14-ST ZMD-A2SI-L14-ST Datasheet
136Kb / 2P
Low End Device AS-Interface IC
A2SI-L16-SR ZMD-A2SI-L16-SR Datasheet
136Kb / 2P
Low End Device AS-Interface IC
A2SI-L16-ST ZMD-A2SI-L16-ST Datasheet
136Kb / 2P
Low End Device AS-Interface IC
A2SI-MR ZMD-A2SI-MR Datasheet
20Kb / 4P
Release Notes IC Revision C
More results


Similar Description - A2SI-E

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2701A AMSCO-AS2701A Datasheet
180Kb / 16P
AS-Interface Slave IC
AS2702 AMSCO-AS2702 Datasheet
119Kb / 18P
AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-L14-ST ZMD-A2SI-L14-ST Datasheet
136Kb / 2P
Low End Device AS-Interface IC
logo
ams AG
AS2702 AMSCO-AS2702_1 Datasheet
140Kb / 13P
AS-Interface Slave IC
logo
Integrated Device Techn...
ASI4U IDT-ASI4U Datasheet
1Mb / 70P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
SAP5 IDT-SAP5 Datasheet
874Kb / 66P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Pepperl+Fuchs Inc.
VBG-MOD-K20-D PF-VBG-MOD-K20-D Datasheet
276Kb / 2P
AS-Interface gateway
VBG-PB-K20-D-EV1 PF-VBG-PB-K20-D-EV1 Datasheet
328Kb / 2P
AS-Interface gateway
VBG-PN-K20-D-BV PF-VBG-PN-K20-D-BV Datasheet
307Kb / 2P
AS-Interface gateway
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com