Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25CY042 Datasheet (PDF) - Renesas Technology Corp

AT25CY042 Datasheet PDF - Renesas Technology Corp
Part # AT25CY042
Download  AT25CY042 Download
File Size   1847.69 Kbytes
Page   78 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Mbit SPI Serial Flash Memory (with Extra 128 Kbits) 1.7V Minimum with Dual-I/O and Quad-I/O Support

AT25CY042 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25CY042 Datasheet PDF - Renesas Technology Corp

Part # AT25CY042
Download  AT25CY042 Click to download

File Size   1847.69 Kbytes
Page   78 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Mbit SPI Serial Flash Memory (with Extra 128 Kbits) 1.7V Minimum with Dual-I/O and Quad-I/O Support

AT25CY042 Datasheet (HTML) - Renesas Technology Corp


AT25CY042 Product details

Features
 Single 1.7V - 3.6V supply
 Serial Peripheral Interface (SPI) compatible
 Supports SPI modes 0 and 3
 Supports RapidS™ operation
 Supports Dual-input and Quad-input Buffer Write
 Supports Dual-output and Quad-output Read
 Very high operating frequencies
 85 MHz (for SPI)
 33 MHz (for Dual-I/O and Quad-I/O) (1)
 Clock-to-output time (tV
) of 6ns maximum
 User configurable page size
 256 bytes per page (factory default)
 264 bytes per page
 Two fully independent SRAM data buffers (256/264 bytes)
 Allows receiving data while reprogramming the main memory array
 Flexible programming options
 Byte/Page Program (1 to 256/264 bytes) directly into main memory
 Buffer Write
 Buffer to Main Memory Page Program
 Flexible erase options
 Page Erase (256/264 bytes), Block Erase (2 KB)
 Sector Erase (64 KB), Chip Erase (4 Mbits)
 Program and Erase Suspend/Resume
 Advanced hardware and software data protection features
 Individual sector protection
 Individual sector lock down to make any sector permanently read-only
 128-byte, One-Time Programmable (OTP) Security Register
 64 bytes factory programmed with a unique identifier
 64 bytes user programmable
 Hardware and software controlled reset options
 JEDEC Standard Manufacturer and Device ID Read
 Low-power dissipation
 400 nA Ultra-Deep Power-Down current (typical)
 4.5 µA Deep Power-Down current (typical)
 25 µA Standby current (typical)
 11 mA Active Read current (typical at 20 MHz)
 Endurance: 100,000 program/erase cycles per page minimum (50,000 cycles
for extended temperature option)
 Data retention: 20 years
 Complies with full industrial temperature range (extended temperature
optional)
 Green (Pb/Halide-free/RoHS compliant) packaging options
 8-lead SOIC (0.150" narrow)
 8-lead EIAJ (0.208" wide)
 8-pad Ultra-thin DFN (5 x 6 x 0.6mm)

Description
The AT25CY042 is a 1.7V minimum, serial-interface sequential access Flash memory ideally suited for a wide variety of
digital voice, image, program code, and data storage applications. The AT25CY042 also supports Dual-I/O, Quad-I/O
and the RapidS serial interface for applications requiring very high speed operation. Its 4,194,304 bits of memory are
organized as 2,048 pages of 256 bytes or 264 bytes each. In addition to the main memory, the AT25CY042 device also
contains two SRAM buffers of 256/264 bytes each. The buffers allow receiving of data while a page in the main memory
is being reprogrammed. Interleaving between both buffers can dramatically increase a system's ability to write a
continuous data stream. In addition, the SRAM buffers can be used as additional system scratch pad memory, and
E
2PROM emulation (bit or byte alterability) can be easily handled with a self-contained three step read-modify-write
operation.
Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the
AT25CY042 device uses a serial interface to sequentially access its data. The simple sequential access dramatically
reduces active pin count, facilitates simplified hardware layout, increases system reliability, minimizes switching noise,
and reduces package size. The device is optimized for use in many commercial and industrial applications where highdensity, low-pin count, low-voltage, and low-power are essential.
To allow for simple in-system re-programmability, the AT25CY042 device does not require high input voltages for
programming. The device operates from a single 1.7V to 3.6V power supply for the erase and program and read
operations. The AT25CY042 device is enabled through the Chip Select pin (CS) and accessed via a 3-wire interface
consisting of the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.




Similar Part No. - AT25CY042

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
AT250-DF02-1 JAE-AT250-DF02-1 Datasheet
561Kb / 11P
Half-pitch (1.27mm) Interface Connector
AT250-DF02-2 JAE-AT250-DF02-2 Datasheet
561Kb / 11P
Half-pitch (1.27mm) Interface Connector
logo
ATMEL Corporation
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
155Kb / 17P
SPI Serial EEPROMs
AT25010-10PC ATMEL-AT25010-10PC Datasheet
165Kb / 15P
SPI Serial EEPROMs
More results


Similar Description - AT25CY042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DQ161 ETC2-AT45DQ161 Datasheet
2Mb / 81P
16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25DQ161 ETC2-AT25DQ161_13 Datasheet
2Mb / 65P
Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF041 ETC2-AT25SF041 Datasheet
2Mb / 46P
4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Dialog Semiconductor
AT25SL128A DIALOG-AT25SL128A Datasheet
5Mb / 75P
128-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL128A DIALOG-AT25QL128A Datasheet
5Mb / 84P
1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
AT25QL321 DIALOG-AT25QL321 Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL641 DIALOG-AT25QL641 Datasheet
5Mb / 77P
64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25SF041 DIALOG-AT25SF041 Datasheet
485Kb / 4P
4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SL641 DIALOG-AT25SL641 Datasheet
5Mb / 76P
64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
logo
Renesas Technology Corp
AT25SF041 RENESAS-AT25SF041 Datasheet
3Mb / 49P
4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
8/2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com