Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321A Datasheet (PDF) - Renesas Technology Corp

AT25DF321A Datasheet PDF - Renesas Technology Corp
Part # AT25DF321A
Download  AT25DF321A Download
File Size   1160.79 Kbytes
Page   51 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory

AT25DF321A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25DF321A Datasheet PDF - Renesas Technology Corp

Part # AT25DF321A
Download  AT25DF321A Click to download

File Size   1160.79 Kbytes
Page   51 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory

AT25DF321A Datasheet (HTML) - Renesas Technology Corp


AT25DF321A Product details

Features
• Single 2.7V - 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
– Supports SPI Modes 0 and 3
– Supports RapidS Operation
– Supports Dual-Input Program and Dual-Output Read
• Very High Operating Frequencies
– 100MHz for RapidS
– 85MHz for SPI
– Clock-to-Output (tV
) of 5ns Maximum
• Flexible, Optimized Erase Architecture for Code + Data Storage Applications
– Uniform 4-Kbyte Block Erase
– Uniform 32-Kbyte Block Erase
– Uniform 64-Kbyte Block Erase
– Full Chip Erase
• Individual Sector Protection with Global Protect/Unprotect Feature
– 64 Sectors of 64-Kbytes Each
• Hardware Controlled Locking of Protected Sectors via WP Pin
• Sector Lockdown
– Make Any Combination of 64-Kbyte Sectors Permanently Read-Only
• 128-Byte Programmable OTP Security Register
• Flexible Programming
– Byte/Page Program (1- to 256-Bytes)
• Fast Program and Erase Times
– 1.0ms Typical Page Program (256-Bytes) Time
– 50ms Typical 4-Kbyte Block Erase Time
– 250ms Typical 32-Kbyte Block Erase Time
– 400ms Typical 64-Kbyte Block Erase Time
• Program and Erase Suspend/Resume
• Automatic Checking and Reporting of Erase/Program Failures
• Software Controlled Reset
• JEDEC Standard Manufacturer and Device ID Read Methodology
• Low Power Dissipation
– 12mA Active Read Current (Typical at 20MHz)
– 5µA Deep Power-Down Current (Typical)
• Endurance: 100,000 Program/Erase Cycles
• Data Retention: 20 Years
• Complies with Full Industrial Temperature Range
• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
– 8-lead SOIC (208-mil wide)
– 8-pad Ultra Thin DFN (5 x 6 x 0.6mm)

Description
The AT25DF321A is a serial interface Flash memory device designed for use in a wide variety of high-volume consumer
based applications in which program code is shadowed from Flash memory into embedded or external RAM for execution.
The flexible erase architecture of the AT25DF321A, with its erase granularity as small as 4-Kbytes, makes it ideal for data
storage as well, eliminating the need for additional data storage EEPROM devices.
The physical sectoring and the erase block sizes of the AT25DF321A have been optimized to meet the needs of today's code
and data storage applications. By optimizing the size of the physical sectors and erase blocks, the memory space can be used
much more efficiently. Because certain code modules and data storage segments must reside by themselves in their own
protected sectors, the wasted and unused memory space that occurs with large sectored and large block erase Flash memory
devices can be greatly reduced. This increased memory space efficiency allows additional code routines and data storage
segments to be added while still maintaining the same overall device density.
The AT25DF321A also offers a sophisticated method for protecting individual sectors against erroneous or malicious program
and erase operations. By providing the ability to individually protect and unprotect sectors, a system can unprotect a specific
sector to modify its contents while keeping the remaining sectors of the memory array securely protected. This is useful in
applications where program code is patched or updated on a subroutine or module basis, or in applications where data storage
segments need to be modified without running the risk of errant modifications to the program code segments. In addition to
individual sector protection capabilities, the AT25DF321A incorporates Global Protect and Global Unprotect features that
allow the entire memory array to be either protected or unprotected all at once. This reduces overhead during the
manufacturing process since sectors do not have to be unprotected one-by-one prior to initial programming.
To take code and data protection to the next level, the AT25DF321A incorporates a sector lockdown mechanism that allows
any combination of individual 64-Kbyte sectors to be locked down and become permanently read-only. This addresses the
need of certain secure applications that require portions of the Flash memory array to be permanently protected against
malicious attempts at altering program code, data modules, security information, or encryption/decryption algorithms, keys,
and routines. The device also contains a specialized OTP (One-Time Programmable) Security Register that can be used for
purposes such as unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key storage, etc.
Specifically designed for use in 3V systems, the AT25DF321A supports read, program, and erase operations with a supply
voltage range of 2.7V to 3.6V. No separate voltage is required for programming and erasing.




Similar Part No. - AT25DF321A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A-MH-T ATMEL-AT25DF321A-MH-T Datasheet
1Mb / 58P
32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321A-MH-T ATMEL-AT25DF321A-MH-T Datasheet
2Mb / 52P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF321A-MH-Y ATMEL-AT25DF321A-MH-Y Datasheet
1Mb / 58P
32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
More results


Similar Description - AT25DF321A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF081A ATMEL-AT25DF081A Datasheet
1Mb / 53P
8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641 ETC2-AT25DF641_13 Datasheet
703Kb / 56P
Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Texas Instruments
SM28VLT32-HT TI1-SM28VLT32-HT Datasheet
214Kb / 16P
32-MBIT HIGH-TEMPERATURE FLASH MEMORY WITH SERIAL PERIPHERAL INTERFACE (SPI) BUS
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com