Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 6Page - Renesas Technology Corp AT25DF321A Datasheet HTML 7Page - Renesas Technology Corp AT25DF321A Datasheet HTML 8Page - Renesas Technology Corp AT25DF321A Datasheet HTML 9Page - Renesas Technology Corp AT25DF321A Datasheet HTML 10Page - Renesas Technology Corp AT25DF321A Datasheet HTML 11Page - Renesas Technology Corp AT25DF321A Datasheet HTML 12Page - Renesas Technology Corp AT25DF321A Datasheet HTML 13Page - Renesas Technology Corp AT25DF321A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
10
3686I–DFLASH–02/2019
AT25DF321A
Figure 7-4.
Dual-Output Read Array
8.
Program and Erase Commands
8.1
Byte/Page Program
The Byte/Page Program command allows anywhere from a single byte of data to 256-bytes of data to be programmed into
previously erased memory locations. An erased memory location is one that has all eight bits set to the logical “1” state (a byte
value of FFh). Before a Byte/Page Program command can be started, the Write Enable command must have been previously
issued to the device (see “Write Enable” on page 18) to set the Write Enable Latch (WEL) bit of the Status Register to a logical
“1” state.
To perform a Byte/Page Program command, an opcode of 02h must be clocked into the device followed by the three address
bytes denoting the first byte location of the memory array to begin programming at. After the address bytes have been clocked
in, data can then be clocked into the device and will be stored in an internal buffer.
If the starting memory address denoted by A23-A0 does not fall on an even 256-byte page boundary (A7-A0 are not all 0),
then special circumstances regarding which memory locations to be programmed will apply. In this situation, any data that is
sent to the device that goes beyond the end of the page will wrap around back to the beginning of the same page. For example,
if the starting address denoted by A23-A0 is 0000FEh, and three bytes of data are sent to the device, then the first two bytes of
data will be programmed at addresses 0000FEh and 0000FFh while the last byte of data will be programmed at address
000000h. The remaining bytes in the page (addresses 000001h through 0000FDh) will not be programmed and will remain in
the erased state (FFh). In addition, if more than 256-bytes of data are sent to the device, then only the last 256-bytes sent will
be latched into the internal buffer.
When the CS pin is deasserted, the device will take the data stored in the internal buffer and program it into the appropriate
memory array locations based on the starting address specified by A23-A0 and the number of data bytes sent to the device. If
less than 256-bytes of data were sent to the device, then the remaining bytes within the page will not be programmed and will
remain in the erased state (FFh). The programming of the data bytes is internally self-timed and should take place in a time of
t
PP or tBP if only programming a single byte.
The three address bytes and at least one complete byte of data must be clocked into the device before the CS pin is deasserted,
and the CS pin must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the
operation and no data will be programmed into the memory array. In addition, if the address specified by A23-A0 points to a
memory location within a sector that is in the protected state (see “Protect Sector” on page 19) or locked down (see “Sector
Lockdown” on page 25
), then the Byte/Page Program command will not be executed, and the device will return to the idle state
once the CS pin has been deasserted. The WEL bit in the Status Register will be reset back to the logical “0” state if the
program cycle aborts due to an incomplete address being sent, an incomplete byte of data being sent, the CS pin being
deasserted on uneven byte boundaries, or because the memory location to be programmed is protected or locked down.
SCK
CS
SIO
SO
MSB
MSB
2
3
1
0
0
0
1
1
1
0
1
1
6
7
5
4
10 11
9
8
12
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
OPCODE
A
A
A
A
A
A
A
A
A
MSB
X
X
X
X
X
X
X
X
MSB
MSB
MSB
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D7
D6
D5
D4
D3
D2
D1
D0
ADDRESS BITS A23-A0
DON'T CARE
OUTPUT
DATA BYTE 1
OUTPUT
DATA BYTE 2
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com