Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 9Page - Renesas Technology Corp AT25DF321A Datasheet HTML 10Page - Renesas Technology Corp AT25DF321A Datasheet HTML 11Page - Renesas Technology Corp AT25DF321A Datasheet HTML 12Page - Renesas Technology Corp AT25DF321A Datasheet HTML 13Page - Renesas Technology Corp AT25DF321A Datasheet HTML 14Page - Renesas Technology Corp AT25DF321A Datasheet HTML 15Page - Renesas Technology Corp AT25DF321A Datasheet HTML 16Page - Renesas Technology Corp AT25DF321A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
13
3686I–DFLASH–02/2019
AT25DF321A
Figure 8-4. Dual-Input Page Program
8.3
Block Erase
A block of 4-, 32-, or 64-Kbytes can be erased (all bits set to the logical “1” state) in a single operation by using one of three
different opcodes for the Block Erase command. An opcode of 20h is used for a 4-Kbyte erase, an opcode of 52h is used for a
32-Kbyte erase, and an opcode of D8h is used for a 64-Kbyte erase. Before a Block Erase command can be started, the Write
Enable command must have been previously issued to the device to set the WEL bit of the Status Register to a logical “1”
state.
To perform a Block Erase, the CS pin must first be asserted and the appropriate opcode (20h, 52h, or D8h) must be clocked
into the device. After the opcode has been clocked in, the three address bytes specifying an address within the 4-, 32-, or 64-
Kbyte block to be erased must be clocked in. Any additional data clocked into the device will be ignored. When the CS pin is
deasserted, the device will erase the appropriate block. The erasing of the block is internally self-timed and should take place
in a time of t
BLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not need to be decoded by the device.
Therefore, for a 4-Kbyte erase, address bits A11-A0 will be ignored by the device and their values can be either a logical “1”
or “0”. For a 32-Kbyte erase, address bits A14-A0 will be ignored, and for a 64-Kbyte erase, address bits A15-A0 will be
ignored by the device. Despite the lower order address bits not being decoded by the device, the complete three address bytes
must still be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted on an even byte
boundary (multiples of eight bits); otherwise, the device will abort the operation and no erase operation will be performed.
If the address specified by A23-A0 points to a memory location within a sector that is in the protected or locked down state,
then the Block Erase command will not be executed, and the device will return to the idle state once the CS pin has been
deasserted.
The WEL bit in the Status Register will be reset back to the logical “0” state if the erase cycle aborts due to an incomplete
address being sent, the CS pin being deasserted on uneven byte boundaries, or because a memory location within the region to
be erased is protected or locked down.
While the device is executing a successful erase cycle, the Status Register can be read and will indicate that the device is busy.
For faster throughput, it is recommended that the Status Register be polled rather than waiting the t
BLKE time to determine if
the device has finished erasing. At some point before the erase cycle completes, the WEL bit in the Status Register will be
reset back to the logical “0” state.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If an
erase error occurs, it will be indicated by the EPE bit in the Status Register.
SCK
CS
SI
SOI
MSB
MSB
2
3
1
0
1
0
1
0
0
0
1
0
6
7
5
4
10 11
9
8
12
39
37 38
33
36
35
34
31 32
29 30
OPCODE
A
A
A
A
A
A
A
A
A
MSB
MSB
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
ADDRESS BITS A23-A0
INPUT
DATA BYTE 1
MSB
D7
D6
D5
D4
D3
D2
D1
D0
INPUT
DATA BYTE n
INPUT
DATA BYTE 2
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com