Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321A Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 31Page - Renesas Technology Corp AT25DF321A Datasheet HTML 32Page - Renesas Technology Corp AT25DF321A Datasheet HTML 33Page - Renesas Technology Corp AT25DF321A Datasheet HTML 34Page - Renesas Technology Corp AT25DF321A Datasheet HTML 35Page - Renesas Technology Corp AT25DF321A Datasheet HTML 36Page - Renesas Technology Corp AT25DF321A Datasheet HTML 37Page - Renesas Technology Corp AT25DF321A Datasheet HTML 38Page - Renesas Technology Corp AT25DF321A Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
35
3686I–DFLASH–02/2019
AT25DF321A
11.3
Write Status Register Byte 2
The Write Status Register Byte 2 command is used to modify the RSTE and SLE bits of the Status Register. Using the Write
Status Register Byte 2 command is the only way to modify the RSTE and SLE bits in the Status Register during normal device
operation, and the SLE bit can only be modified if the sector lockdown state has not been frozen. Before the Write Status
Register Byte 2 command can be issued, the Write Enable command must have been previously issued to set the WEL bit in
the Status Register to a logical “1”.
To issue the Write Status Register Byte 2 command, the CS pin must first be asserted and the opcode of 31h must be clocked
into the device followed by one byte of data. The one byte of data consists of three don’t care bits, the RSTE bit value, the SLE
bit value, and three additional don’t care bits (see Table 11-4). Any additional data bytes that are sent to the device will be
ignored. When the CS pin is deasserted, the RSTE and SLE bits in the Status Register will be modified, and the WEL bit in the
Status Register will be reset back to a logical “0”. The SLE bit will only be modified if the Freeze Sector Lockdown State
command has not been previously issued.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the operation, the state of the
RSTE and SLE bits will not change, and the WEL bit in the Status Register will be reset back to the logical “0” state.
Figure 11-3.Write Status Register Byte 2
Table 11-4.
Write Status Register Byte 2 Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
RSTE
SLE
X
X
X
SCK
CS
SI
SO
MSB
2
3
1
0
0
0
1
1
0
0
0
6
7
5
4
OPCODE
10 11
9
8
14 15
13
12
1
MSB
X
X
X
D
D
X
X
X
STATUS REGISTER IN
BYTE 2
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com