Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet (PDF) - Renesas Technology Corp

AT25DF641A Datasheet PDF - Renesas Technology Corp
Part # AT25DF641A
Download  AT25DF641A Download
File Size   2409.69 Kbytes
Page   57 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support

AT25DF641A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25DF641A Datasheet PDF - Renesas Technology Corp

Part # AT25DF641A
Download  AT25DF641A Click to download

File Size   2409.69 Kbytes
Page   57 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support

AT25DF641A Datasheet (HTML) - Renesas Technology Corp


AT25DF641A Product details

Features
 Single 2.7V - 3.6V supply
 Serial Peripheral Interface (SPI) compatible
 Supports SPI Modes 0 and 3
 Supports RapidS™ operation
 Supports Dual-Input Program and Dual-Output Read
 Very high operating frequencies
 100MHz for RapidS
 85MHz for SPI
 Clock-to-output time (tV) of 5ns maximum
 Flexible, optimized erase architecture for code + data storage applications
 Uniform 4KB, 32KB, and 64KB Block Erase
 Full Chip Erase
 Individual sector protection with Global Protect/Unprotect feature
 128 Sectors of 64KB each
 Hardware controlled locking of protected sectors via WP pin
 Sector Lockdown
 Make any combination of 64KB sectors permanently read-only
 128-byte One-Time Programmable (OTP) Security Register
 64 bytes factory preprogrammed
 64 bytes user programmable
 Flexible programming
 Byte/Page Program (1 to 256 bytes)
 Fast program and erase times
 2.5ms typical Page Program (256 bytes) time
 75ms typical 4KB Block Erase time
 300ms typical 32KB Block Erase time
 600ms typical 64KB Block Erase time
 Program and Erase Suspend/Resume
 Automatic checking and reporting of erase/program failures
 Software controlled reset
 JEDEC Standard Manufacturer and Device ID Read Methodology
 Low power dissipation
 25mA Active Read current (typical at 20MHz)
 5µA Deep Power-Down current (typical)
 Endurance: 100,000 program/erase cycles
 Data retention: 20 years
 Complies with full industrial temperature range
 Industry standard green (Pb/Halide-free/RoHS compliant) package options
 8-lead SOIC (0.208” wide)
 8-pad Ultra-thin DFN (5 x 6 x 0.6mm)

Description
The AT25DF641A is a 2.7V minimum, serial-interface Flash memory ideally suited for a wide variety of
high-volume consumer-based applications in which program code is shadowed from Flash memory into embedded or
external RAM for execution. The flexible erase architecture of the AT25DF641A, with its erase granularity as small as
4KB, makes it ideal for data storage as well, eliminating the need for additional data storage EEPROM devices.
The physical sectoring and the erase block sizes of the AT25DF641A have been optimized to meet the needs of today's
code and data storage applications. By optimizing the size of the physical sectors and erase blocks, the memory space
can be used much more efficiently. Because certain code modules and data storage segments must reside by
themselves in their own protected sectors, the wasted and unused memory space that occurs with large sectored and
large block erase Flash memory devices can be greatly reduced. This increased memory space efficiency allows
additional code routines and data storage segments to be added while still maintaining the same overall device density.
The AT25DF641A also offers a sophisticated method for protecting individual sectors against erroneous or malicious
program and erase operations. By providing the ability to individually protect and unprotect sectors, a system can
unprotect a specific sector to modify its contents while keeping the remaining sectors of the memory array securely
protected. This is useful in applications where program code is patched or updated on a subroutine or module basis, or in
applications where data storage segments need to be modified without running the risk of errant modifications to the
program code segments. In addition to individual sector protection capabilities, the AT25DF641A incorporates Global
Protect and Global Unprotect features that allow the entire memory array to be either protected or unprotected all at
once. This reduces overhead during the manufacturing process since sectors do not have to be unprotected one by one
prior to initial programming.
To take code and data protection to the next level, the AT25DF641A incorporates a sector lockdown mechanism that
allows any combination of individual 64KB sectors to be locked down and become permanently read-only. This
addresses the need of certain secure applications that require portions of the Flash memory array to be permanently
protected against malicious attempts at altering program code, data modules, security information or
encryption/decryption algorithms, keys, and routines. The device also contains a specialized OTP (One-Time
Programmable) Security Register that can be used for purposes such as unique device serialization, system-level
Electronic Serial Number (ESN) storage, locked key storage, or other purposes.
Specifically designed for use in 3V systems, the AT25DF641A supports read, program, and erase operations with a
supply voltage range of 2.7V to 3.6V. No separate voltage is required for programming and erasing.




Similar Part No. - AT25DF641A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Dialog Semiconductor
AT25DF641A DIALOG-AT25DF641A Datasheet
869Kb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
logo
ATMEL Corporation
AT25DF641A-MH-T ATMEL-AT25DF641A-MH-T Datasheet
1Mb / 57P
64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641A-MH-T ETC2-AT25DF641A-MH-T Datasheet
2Mb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
More results


Similar Description - AT25DF641A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Dialog Semiconductor
AT25DF641A DIALOG-AT25DF641A Datasheet
869Kb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25QF641 DIALOG-AT25QF641 Datasheet
5Mb / 74P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25SF641 DIALOG-AT25SF641 Datasheet
5Mb / 76P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
List of Unclassifed Man...
AT25DF041B ETC-AT25DF041B Datasheet
2Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DL081 RENESAS-AT25DL081 Datasheet
2Mb / 57P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
AT25XE041B RENESAS-AT25XE041B Datasheet
3Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com