Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DL081 Datasheet (PDF) - Renesas Technology Corp

AT25DL081 Datasheet PDF - Renesas Technology Corp
Part # AT25DL081
Download  AT25DL081 Download
File Size   2838.3 Kbytes
Page   57 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support

AT25DL081 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25DL081 Datasheet PDF - Renesas Technology Corp

Part # AT25DL081
Download  AT25DL081 Click to download

File Size   2838.3 Kbytes
Page   57 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support

AT25DL081 Datasheet (HTML) - Renesas Technology Corp


AT25DL081 Product details

Features
 Single 1.65V - 1.95V supply
 Serial Peripheral Interface (SPI) compatible
 Supports SPI Modes 0 and 3
 Supports RapidS™ operation
 Supports Dual-Input Program and Dual-Output Read
 Very high operating frequencies
 100MHz for RapidS
 85MHz for SPI
 Clock-to-output time (tV) of 5ns maximum
 Flexible, optimized erase architecture for code + data storage applications
 Uniform 4KB, 32KB, and 64KB Block Erase
 Full Chip Erase
 Individual sector protection with Global Protect/Unprotect feature
 16 sectors of 64KB each
 Hardware controlled locking of protected sectors via WP pin
 Sector Lockdown with permanent freeze option
 Make any combination of 64KB sectors permanently read-only
 128-byte, One-Time Programmable (OTP) Security Register
 64-bytes factory pre-programmed, 64-bytes user programmable
 Flexible programming
 Byte/Page Program (1 to 256 bytes)
 Fast Program and Erase times
 1.0ms typical Page Program (256 bytes) time
 50ms typical 4KB Block Erase time
 250ms typical 32KB Block Erase time
 550ms typical 64KB Block Erase time
 Program and Erase Suspend/Resume
 Automatic checking and reporting of erase/program failures
 Software controlled reset
 JEDEC Standard Manufacturer and Device ID Read Methodology
 Low power dissipation
 10mA Active Read current (typical at 20MHz)
 8µA Deep Power-Down current (typical)
 Endurance: 100,000 program/erase cycles
 Data retention: 20 years
 Complies with full industrial temperature range
 Industry standard green (Pb/halide-free/RoHS-compliant) package options
 8-lead SOIC (0.150” wide)
 8-pad Ultra-thin DFN (5 x 6 x 0.6mm)

Description
The Adesto® AT25DL081 is a serial interface Flash memory device designed for use in a wide variety of high-volume,
consumer-based applications in which program code is shadowed from Flash memory into embedded or external RAM
for execution. The flexible erase architecture of the AT25DL081, with its erase granularity as small as 4KB, makes it ideal
for data storage as well, eliminating the need for additional data storage EEPROM devices.
The physical sectoring and the erase block sizes of the AT25DL081 have been optimized to meet the needs of today's
code and data storage applications. By optimizing the size of the physical sectors and erase blocks, the memory space
can be used much more efficiently. Because certain code modules and data storage segments must reside by
themselves in their own protected sectors, the wasted and unused memory space that occurs with large sectored and
large block erase Flash memory devices can be greatly reduced. This increased memory space efficiency allows
additional code routines and data storage segments to be added, while still maintaining the same overall device density.
The AT25DL081 also offers a sophisticated method for protecting individual sectors against erroneous or malicious
program and erase operations. By providing the ability to individually protect and unprotect sectors, a system can
unprotect a specific sector to modify its contents while keeping the remaining sectors of the memory array securely
protected. This is useful in applications where the program code is patched, updated on a subroutine or module basis, or
in applications where data storage segments need to be modified without running the risk of errant modifications to the
program code segments. In addition to individual sector protection capabilities, the AT25DL081 incorporates Global
Protect and Global Unprotect features that allow the entire memory array to be either protected or unprotected all at
once. This reduces overhead during the manufacturing process because sectors do not have to be unprotected one by
one prior to initial programming.
To take code and data protection to the next level, the AT25DL081 incorporates a sector lockdown mechanism that
allows any combination of individual 64KB sectors to be locked down and become permanently read-only. This
addresses the need of certain secure applications that require portions of the Flash memory array to be permanently
protected against malicious attempts at altering program code, data modules, security information, or
encryption/decryption algorithms, keys, and routines. The device also contains a specialized, OTP (One-Time
Programmable) security register, which can be used for unique device serialization, system-level electronic serial
number (ESN) storage, locked key storage, or other purposes.
Specifically designed for use in 1.8V systems, the AT25DL081 supports read, program, and erase operations with a
supply voltage range of 1.65V to 1.95V. No separate voltage is required for programming and erasing.




Similar Part No. - AT25DL081

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 60P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL081 DIALOG-AT25DL081 Datasheet
1Mb / 58P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DL081 RENESAS-AT25DL081 Datasheet
1Mb / 60P
8-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
9/20/23
logo
List of Unclassifed Man...
AT25DL081-MHN-T ETC2-AT25DL081-MHN-T Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
More results


Similar Description - AT25DL081

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161 ETC2-AT25DL161 Datasheet
2Mb / 58P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DF011 ETC2-AT25DF011 Datasheet
1Mb / 39P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL081 ETC2-AT25DL081_13 Datasheet
2Mb / 60P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161 ETC2-AT25DL161_14 Datasheet
2Mb / 59P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL081 DIALOG-AT25DL081 Datasheet
1Mb / 58P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
List of Unclassifed Man...
AT25DF041B ETC-AT25DF041B Datasheet
2Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25XE041B RENESAS-AT25XE041B Datasheet
3Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com