Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DL081 Datasheet (PDF) - Renesas Technology Corp

AT25DL081 Datasheet PDF - Renesas Technology Corp
Part # AT25DL081
Download  AT25DL081 Download
File Size   1927.01 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support

AT25DL081 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25DL081 Datasheet PDF - Renesas Technology Corp

Part # AT25DL081
Download  AT25DL081 Click to download

File Size   1927.01 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support

AT25DL081 Datasheet (HTML) - Renesas Technology Corp


AT25DL081 Product details

• Single 1.65 V – 1.95 V supply
• Serial Peripheral Interface (SPI) compatible
• Supports SPI Modes 0 and 3
• Supports RapidS™ operation
• Supports Dual-Input Program and Dual-Output Read
• Very high operating frequencies
• 100 MHz for RapidS
• 85 MHz for SPI
• Clock-to-output time (tV) of 5 ns maximum
• Flexible, optimized erase architecture for code + data storage applications
• Uniform 4-kB, 32-kB, and 64-kB Block Erase
• Full-Chip Erase
• Individual sector protection with Global Protect/Unprotect feature
• 16 sectors of 64 kB each
• Hardware controlled locking of protected sectors through WP pin
• Sector Lock-down with permanent freeze option
• Make any combination of 64 kB sectors permanently read-only
• 128-byte, One-Time Programmable (OTP) Security Register
• 64 bytes factory preprogrammed, 64 bytes user-programmable
• Flexible programming
• Byte/Page Program (1 to 256 bytes)
• Fast program and erase times
• 1.0 ms typical Page Program (256 bytes) time
• 50 ms typical 4-kB Block Erase time
• 250 ms typical 32-kB Block Erase time
• 550 ms typical 64-kB Block Erase time
• Program and Erase Suspend/Resume
• Automatic checking and reporting of erase/program failures
• Software controlled reset
• JEDEC Standard Manufacturer and Device ID Read Methodology
• Low power dissipation




Similar Part No. - AT25DL081

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 60P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL081 DIALOG-AT25DL081 Datasheet
1Mb / 58P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DL081 RENESAS-AT25DL081 Datasheet
2Mb / 57P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
logo
List of Unclassifed Man...
AT25DL081-MHN-T ETC2-AT25DL081-MHN-T Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
More results


Similar Description - AT25DL081

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL081 ETC2-AT25DL081_13 Datasheet
2Mb / 60P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL081 DIALOG-AT25DL081 Datasheet
1Mb / 58P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DF021A RENESAS-AT25DF021A Datasheet
1Mb / 59P
AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
12/22/22
AT25DF041B RENESAS-AT25DF041B Datasheet
1Mb / 64P
4-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual I/O Support
12/13/22
AT25DL081 RENESAS-AT25DL081 Datasheet
2Mb / 57P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
AT25DL161 RENESAS-AT25DL161 Datasheet
1Mb / 64P
16-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
11/11/22
AT25XE011 RENESAS-AT25XE011 Datasheet
1Mb / 51P
1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
8/1/22
AT25XE021A RENESAS-AT25XE021A Datasheet
1Mb / 61P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
12/9/22
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com