Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DL161 Datasheet (PDF) - Renesas Technology Corp

AT25DL161 Datasheet PDF - Renesas Technology Corp
Part # AT25DL161
Download  AT25DL161 Download
File Size   1863.41 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support

AT25DL161 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25DL161 Datasheet PDF - Renesas Technology Corp

Part # AT25DL161
Download  AT25DL161 Click to download

File Size   1863.41 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support

AT25DL161 Datasheet (HTML) - Renesas Technology Corp


AT25DL161 Product details

Features
• Single 1.65 V – 1.95 V supply
• Serial Peripheral Interface (SPI) compatible
• Supports SPI Modes 0 and 3
• Supports RapidS™ operation
• Supports Dual-Input Program and Dual-Output Read
• Very high operating frequencies
• 100 MHz for RapidS
• 85 MHz for SPI
• Clock-to-output time (tV) of 5 ns maximum
• Flexible, optimized erase architecture for code + data storage applications
• Uniform 4-kB, 32-kB, and 64-kB Block Erase
• Full-Chip Erase
• Individual sector protection with Global Protect/Unprotect feature
• 32 sectors of 64 kB each
• Hardware controlled locking of protected sectors via WP pin
• Sector Lock-down with permanent freeze option
• Make any combination of 64KB sectors permanently read-only
• 128-byte, One-Time Programmable (OTP) Security Register
• 64 bytes factory preprogrammed, 64 bytes user programmable
• Flexible programming
• Byte/Page Program (1 to 256 bytes)
• Fast program and erase times
• 1.0 ms typical Page Program (256 bytes) time
• 50 ms typical 4-kB Block Erase time
• 250 ms typical 32-kB Block Erase time
• 550 ms typical 64-kB Block Erase time
• Program and Erase Suspend/Resume
• Automatic checking and reporting of erase/program failures
• Software controlled reset
• JEDEC Standard Manufacturer and Device ID Read Methodology
• Low power dissipation
• 10 mA Active Read current (typical at 20 MHz)
• 8 µA Deep Power-Down current (typical)
• Endurance:
• 100,000 program/erase cycles (-40 °C to +85 °C)
• 20,000 program/erase cycles (-40 °C to +105 °C)
• Data retention: 20 years
• Complies with full industrial temperature range
• Industry standard green (Pb/halide-free/RoHS-compliant) package options
• 8-lead SOIC (0.150" wide)
• 8-pad Ultra-thin DFN (5 x 6 x 0.6 mm)

Description
The AT25DL161 is a serial interface Flash memory device designed for use in a wide variety of high-volume,
consumer-based applications in which program code is shadowed from Flash memory into embedded or external
RAM for execution. The flexible erase architecture of the AT25DL161, with its erase granularity as small as 4 kB,
makes it ideal for data storage as well, eliminating the need for additional data storage EEPROM devices.
The physical sectoring and the erase block sizes of the AT25DL161 have been optimized to meet the needs of
today's code and data storage applications. By optimizing the size of the physical sectors and erase blocks, the
memory space can be used much more efficiently. Because certain code modules and data storage segments
must reside by themselves in their own protected sectors, the wasted and unused memory space that occurs with
large sectored and large Block Erase Flash memory devices can be greatly reduced. This increased memory
space efficiency allows additional code routines and data storage segments to be added, while still maintaining
the same overall device density.
The AT25DL161 also offers a sophisticated method for protecting individual sectors against erroneous or
malicious program and erase operations. By providing the ability to individually protect and unprotect sectors, a
system can unprotect a specific sector to modify its contents while keeping the remaining sectors of the memory
array securely protected. This is useful in applications where program code is patched, updated on a subroutine
or module basis, or in applications where data storage segments need to be modified without running the risk of
errant modifications to the program code segments. In addition to individual sector protection capabilities, the
AT25DL161 incorporates Global Protect and Global Unprotect features that allow the entire memory array to be
either protected or unprotected all at once. This reduces overhead during the manufacturing process because
sectors do not have to be unprotected one by one prior to initial programming.
To take code and data protection to the next level, the AT25DL161 incorporates a sector lockdown mechanism
that allows any combination of individual 64 kB sectors to be locked down and become permanently read-only.
This addresses the need of certain secure applications that require portions of the Flash memory array to be
permanently protected against malicious attempts at altering program code, data modules, security information or
encryption/decryption algorithms, keys, and routines. The device also contains a specialized, OTP (One-Time
Programmable) security register, which can be used for unique device serialization, system-level Electronic Serial
Number (ESN) storage, locked key storage, or other purposes.
Specifically designed for use in 1.8 V systems, the AT25DL161 supports read, program, and erase operations with
a supply voltage range of 1.65 V to 1.95 V. No separate voltage is required for programming and erasing.




Similar Part No. - AT25DL161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL161 ETC2-AT25DL161 Datasheet
2Mb / 58P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161 ETC2-AT25DL161 Datasheet
2Mb / 59P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
List of Unclassifed Man...
AT25DL161-MHN-T ETC2-AT25DL161-MHN-T Datasheet
2Mb / 58P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161-MHN-T ETC2-AT25DL161-MHN-T Datasheet
2Mb / 59P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
More results


Similar Description - AT25DL161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL161 ETC2-AT25DL161 Datasheet
2Mb / 58P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161 ETC2-AT25DL161_14 Datasheet
2Mb / 59P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25FF161A DIALOG-AT25FF161A Datasheet
1Mb / 120P
16-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DF021A RENESAS-AT25DF021A Datasheet
1Mb / 59P
AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
12/22/22
AT25DF041B RENESAS-AT25DF041B Datasheet
1Mb / 64P
4-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual I/O Support
12/13/22
AT25FF161A RENESAS-AT25FF161A Datasheet
2Mb / 122P
16-Mbit, 1.65 V – 3.75 V SPI Serial Flash Memory with Multi-I/O Support
Jan 4, 2023
AT25XE011 RENESAS-AT25XE011 Datasheet
1Mb / 51P
1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
8/1/22
AT25XE021A RENESAS-AT25XE021A Datasheet
1Mb / 61P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
12/9/22
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com