Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A Datasheet (PDF) - Renesas Technology Corp

AT25DF021A Datasheet PDF - Renesas Technology Corp
Part # AT25DF021A
Download  AT25DF021A Download
File Size   2025.67 Kbytes
Page   59 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support

AT25DF021A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25DF021A Datasheet PDF - Renesas Technology Corp

Part # AT25DF021A
Download  AT25DF021A Click to download

File Size   2025.67 Kbytes
Page   59 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support

AT25DF021A Datasheet (HTML) - Renesas Technology Corp


AT25DF021A Product details

Features
• Single 1.65 V - 3.6 V Supply (-40°C to +104°C)
• Single 1.7 V - 3.6 V Supply (-40°C to +125°C)
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 and 3
• Supports Dual I/O Operation
• 104 MHz Maximum Operating Frequency
• Clock-to-Output (tV) of 6 ns
• Flexible, Optimized Erase Architecture for Code + Data Storage Applications
• Small (256 Byte) Page Erase
• Uniform 4-kByte Block Erase
• Uniform 32-kByte Block Erase
• Uniform 64-kByte Block Erase
• Full Chip Erase
• Hardware Controlled Locking of Protected Sectors via WP Pin
• 128-Byte Programmable One-Time Programmable (OTP) Security Register
• 64 Bytes factory programmed with a unique identifier
• 64 Bytes user programmable
• Flexible Programming
• Byte/Page Program (1 to 256 Bytes)
• Dual-Input Byte/Page Program (1 to 256 Bytes)
• Sequential Program Mode Capability
• Fast Program and Erase Times
• 1.25 ms Typical Page Program (256 Bytes) Time
• 40 ms Typical 4-kByte Block Erase Time
• 250 ms Typical 32-kByte Block Erase Time
• 500 ms Typical 64-kByte Block Erase Time
• Automatic Checking and Reporting of Erase/Program Failures
• Software Controlled Reset
• JEDEC Standard Manufacturer and Device ID Read Methodology
• Low Power Dissipation
• 200 nA Ultra Deep Power Down current (Typical)
• 4.5 µA Deep Power-Down Current (Typical)
• 25 uA Standby current (Typical)
• 4.5 mA Active Read Current (Typical)
• Endurance:
• 100,000 Program/Erase Cycles (-40°C to +104°C)
• 20,000 Program/Erase Cycles (-40°C to +125°C)
• Data Retention: 20 Years
• Complies with Full Industrial Temperature Range
• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
• 8-lead SOIC (150-mil)
• 8-pad Ultra Thin DFN (2 x 3 x 0.6 mm)
• 8-pad Ultra Thin DFN (5 x 6 x 0.6 mm)
• 8-lead TSSOP
• 8-ball WLCSP (3 x 2 x 3 ball matrix)

Description
The AT25DF021A is a serial interface Flash memory device designed for use in a wide variety of high-volume
consumer based applications in which program code is shadowed from Flash memory into embedded or external
RAM for execution. The flexible erase architecture of the AT25DF021A, with its page erase granularity it is ideal
for data storage as well, eliminating the need for additional data storage devices.
The erase block sizes of the AT25DF021A have been optimized to meet the needs of today's code and data
storage applications. By optimizing the size of the erase blocks, the memory space can be used much more
efficiently. Because certain code modules and data storage segments must reside by themselves in their own
erase regions, the wasted and unused memory space that occurs with large sectored and large block erase Flash
memory devices can be greatly reduced. This increased memory space efficiency allows additional code routines
and data storage segments to be added while still maintaining the same overall device density.
The device also contains a specialized OTP (One-Time Programmable) Security Register that can be used for
purposes such as unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key
storage, etc.
Specifically designed for use in many different systems, the AT25DF021A supports read, program, and erase
operations with a wide supply voltage range of 1.65 V to 3.6 V. No separate voltage is required for programming
and erasing.




Similar Part No. - AT25DF021A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25DF021A DIALOG-AT25DF021A Datasheet
422Kb / 3P
2-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF021A RENESAS-AT25DF021A Datasheet
2Mb / 59P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
8/7/23
AT25DF021A-DWF RENESAS-AT25DF021A-DWF Datasheet
2Mb / 59P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
8/7/23
AT25DF021A-DWFAT RENESAS-AT25DF021A-DWFAT Datasheet
2Mb / 59P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
8/7/23
logo
Dialog Semiconductor
AT25DF021A-DWFHT DIALOG-AT25DF021A-DWFHT Datasheet
422Kb / 3P
2-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
More results


Similar Description - AT25DF021A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DF041B RENESAS-AT25DF041B Datasheet
1Mb / 64P
4-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual I/O Support
12/13/22
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
AT25DL081 RENESAS-AT25DL081 Datasheet
2Mb / 57P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
AT25DL161 RENESAS-AT25DL161 Datasheet
1Mb / 64P
16-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
11/11/22
AT25XE011 RENESAS-AT25XE011 Datasheet
1Mb / 51P
1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
8/1/22
AT25XE021A RENESAS-AT25XE021A Datasheet
1Mb / 61P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
12/9/22
AT25XE041B RENESAS-AT25XE041B Datasheet
3Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com