Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 4Page - Renesas Technology Corp AT25DF021A Datasheet HTML 5Page - Renesas Technology Corp AT25DF021A Datasheet HTML 6Page - Renesas Technology Corp AT25DF021A Datasheet HTML 7Page - Renesas Technology Corp AT25DF021A Datasheet HTML 8Page - Renesas Technology Corp AT25DF021A Datasheet HTML 9Page - Renesas Technology Corp AT25DF021A Datasheet HTML 10Page - Renesas Technology Corp AT25DF021A Datasheet HTML 11Page - Renesas Technology Corp AT25DF021A Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 8
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
HOLD
HOLD
The HOLD pin is used to temporarily pause serial communication without deselecting or
resetting the device. While the HOLD pin is asserted, transitions on the SCK pin and data on
the SI pin is ignored, and the SO pin is in a high-impedance state.
The CS pin must be asserted, and the SCK pin must be in the low state in order for a Hold
condition to start. A Hold condition pauses serial communication only and does not have an
effect on internally self-timed operations such as a program or erase cycle. Please refer to
“Hold” on page 42 for additional details on the Hold operation.
The HOLD pin is internally pulled-high and may be left floating if the Hold function is not used.
However, it is recommended that the HOLD pin also be externally connected to VCC whenever
possible.
Low
Input
VCC
DEVICE POWER SUPPLY
The VCC pin is used to supply the source voltage to the device.
Do not attempt operations at invalid VCC voltages because they might produce spurious results.
-
Power
GND
GROUND
The ground reference for the power supply. GND must be connected to the system ground.
-
Power
Figure 1. 8-SOIC Top View
Figure 2. 8-UDFN (Top View)
Figure 3. 8-TSSOP Top View
Figure 4. WLCSP Top View
Table 1. Pin Descriptions (Continued)
Symbol
Name and Function
Asserted
State
Type
1
2
3
4
8
7
6
5
CS
SO (IO )
WP
GND
VCC
HOLD
SCK
SI (IO )
CS
SO (IO )
WP
GND
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI (IO )
1
2
3
4
8
7
6
5
CS
SO (IO )
WP
GND
VCC
HOLD
SCK
SI (IO )
CS
WP
SO
GND
SI
VCC
SCK
HOLD
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com