Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 10Page - Renesas Technology Corp AT25DF021A Datasheet HTML 11Page - Renesas Technology Corp AT25DF021A Datasheet HTML 12Page - Renesas Technology Corp AT25DF021A Datasheet HTML 13Page - Renesas Technology Corp AT25DF021A Datasheet HTML 14Page - Renesas Technology Corp AT25DF021A Datasheet HTML 15Page - Renesas Technology Corp AT25DF021A Datasheet HTML 16Page - Renesas Technology Corp AT25DF021A Datasheet HTML 17Page - Renesas Technology Corp AT25DF021A Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 14
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
7.
Read Commands
7.1
Read Array
The Read Array command can be used to sequentially read a continuous stream of data from the device by
simply providing the clock signal once the initial starting address is specified. The device incorporates an internal
address counter that automatically increments every clock cycle.
Two opcodes (0Bh and 03h) can be used for the Read Array command. The use of each opcode depends on the
maximum clock frequency that is used to read data from the device. The 0Bh opcode can be used at any clock
frequency up to the maximum specified by fCLK, and the 03h opcode can be used for lower frequency read
operations up to the maximum specified by fRDLF.
To perform the Read Array operation, the CS pin must first be asserted and the appropriate opcode (0Bh or 03h)
must be clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in
to specify the starting address location of the first byte to read within the memory array. Following the three
address bytes, an additional dummy byte needs to be clocked into the device if the 0Bh opcode is used for the
Read Array operation.
After the three address bytes (and the dummy byte if using opcode 0Bh) have been clocked in, additional clock
cycles result in data being output on the SO pin. The data is always output with the MSB of a byte first. When the
last byte (03FFFFh) of the memory array has been read, the device continues reading back at the beginning of the
array (000000h). No delays are incurred when wrapping around from the end of the array to the beginning of the
array.
Deasserting the CS pin terminates the read operation and put the SO pin into high-impedance state. The CS pin
can be deasserted at any time and does not require a full byte of data be read.
Figure 8. Read Array - 03h Opcode
Figure 9. Read Array - 0Bh Opcode
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000011
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
AAAA
AAA
AA
MSB
MSB
DDDDDDDD
D
D
ADDRESS BITS A23-A0
DATA BYTE 1
High-Impedance
SCK
CS
SI
SO
MSB
MSB
23
1
0
00001011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
OPCODE
AAAA
AAA
AA
MSB
XXXXXXXX
MSB
MSB
DDDDDDDD
D
D
ADDRESS BITS A23-A0
DON'T CARE
DATA BYTE 1
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com