Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 17Page - Renesas Technology Corp AT25DF021A Datasheet HTML 18Page - Renesas Technology Corp AT25DF021A Datasheet HTML 19Page - Renesas Technology Corp AT25DF021A Datasheet HTML 20Page - Renesas Technology Corp AT25DF021A Datasheet HTML 21Page - Renesas Technology Corp AT25DF021A Datasheet HTML 22Page - Renesas Technology Corp AT25DF021A Datasheet HTML 23Page - Renesas Technology Corp AT25DF021A Datasheet HTML 24Page - Renesas Technology Corp AT25DF021A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 21
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
8.5
Block Erase
A block of 4, 32, or 64 kBytes can be erased (all bits set to the logical 1 state) in a single operation by using one of
three different opcodes for the Block Erase command. An opcode of 20h is used for a 4-kByte erase, an opcode of
52h for a 32-kByte erase, and an opcode of D8h is used for a 64-kByte erase. Before a Block Erase command can
be started, the Write Enable command must have been previously issued to the device to set the WEL bit of the
Status Register to a logical 1 state.
To perform a Block Erase, the CS pin must first be asserted and the appropriate opcode (20h, 52h, or D8h) must
be clocked into the device. After the opcode has been clocked in, the three address bytes specifying an address
within the 4-, 32-, or 64-kByte block to be erased must be clocked in. Any additional data clocked into the device is
ignored. When the CS pin is deasserted, the device erases the appropriate block. The erasing of the block is
internally self-timed and takes place in a time of tBLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not need to be decoded
by the device. Therefore, for a 4-kByte erase, address bits A11-A0 are ignored by the device and their values can
be either a logical 1 or 0. For a 32-kByte erase, address bits A14-A0 are ignored by the device. For a 64-kByte
erase, address bits A15-A0 are ignored by the device. Despite the lower order address bits not being decoded by
the device, the complete three address bytes must still be clocked into the device before the CS pin is deasserted,
and the CS pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, the device
aborts the operation and no erase operation is performed.
If the memory is in the protected state, then the Block Erase command is not executed, and the device returns to
the idle state once the CS pin has been deasserted.
The WEL bit in the Status Register is reset back to the logical 0 state if the erase cycle aborts due to an
incomplete address being sent, the CS pin being deasserted on uneven byte boundaries, or because a memory
location within the region to be erased is protected.
While the device is executing a successful erase cycle, the Status Register can be read and indicates that the
device is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the
tBLKE time to determine if the device has finished erasing. At some point before the erase cycle completes, the
WEL bit in the Status Register is reset back to the logical 0 state.
For fastest throughput and least power consumption, it is recommended that the Active Status Interrupt command
25h be used. After the initial 16 clocks, no more clocks are required. Once the BUSY cycle is done, SO is driven
low immediately to signal the device has finished erasing.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error occurs, it is indicated by the EPE bit in the Status Register.
Figure 17. Block Erase
SCK
CS
SI
SO
MSB
MSB
23
1
0
CCCCCCCC
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
AA
A
A
A
ADDRESS BITS A23-A0
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com