Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # AT25DF021A
Description  AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 6Page - Renesas Technology Corp AT25DF021A Datasheet HTML 7Page - Renesas Technology Corp AT25DF021A Datasheet HTML 8Page - Renesas Technology Corp AT25DF021A Datasheet HTML 9Page - Renesas Technology Corp AT25DF021A Datasheet HTML 10Page - Renesas Technology Corp AT25DF021A Datasheet HTML 11Page - Renesas Technology Corp AT25DF021A Datasheet HTML 12Page - Renesas Technology Corp AT25DF021A Datasheet HTML 13Page - Renesas Technology Corp AT25DF021A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
DS-AT25DF021A-042 Rev. J
Page 10
12/22/22
© 2022 Renesas Electronics
AT25DF021A Datasheet
4.
Memory Array
To provide the greatest flexibility, the memory array of the AT25DF021A can be erased in three levels of
granularity including a full chip erase. The size of the erase blocks is optimized for both code and data storage
applications, allowing both code and data segments to reside in their own erase regions. The Memory
Architecture Diagram illustrates the breakdown of each erase level.
Figure 6. Memory Architecture Diagram
Internal Sectoring fo
64 kB
32 kB
4 kB
1-256 Byte
Sector Protection
Block Erase
Block Erase
Block Erase
Page Program
Function
(D8h Command)
(52h Command)
(20h Command)
(02h Command)
4KB
03F000h – 03FFFFh
03E000h – 03EFFFh
03D000h – 03DFFFh
03C000h – 03CFFFh
03B000h – 03BFFFh
03A000h – 03AFFFh
039000h – 039FFFh
038000h – 038FFFh
037000h – 037FFFh
036000h – 036FFFh
035000h – 035FFFh
034000h – 034FFFh
033000h – 033FFFh
032000h – 032FFFh
031000h – 031FFFh
02F000h – 02FFFFh
02E000h – 02EFFFh
02D000h – 02DFFFh
02C000h – 02CFFFh
02B000h – 02BFFFh
02A000h – 02AFFFh
029000h – 029FFFh
028000h – 028FFFh
027000h – 027FFFh
026000h – 026FFFh
025000h – 025FFFh
024000h – 024FFFh
023000h – 023FFFh
022000h – 022FFFh
021000h – 021FFFh
020000h – 020FFFh
030000h – 030FFFh
03FF00h – 03FFFFh
03FE00h – 03FEFFh
03FD00h – 03FDFFh
03FC00h – 03FCFFh
03FB00h – 03FBFFh
03FA00h – 03FAFFh
03F900h – 03F9FFh
03F800h – 03F8FFh
03F700h – 03F7FFh
03F600h – 03F6FFh
03F500h – 03F5FFh
03F400h – 03F4FFh
03F300h – 03F3FFh
03F200h – 03F2FFh
03F100h – 03F1FFh
03F000h – 03F0FFh
03EF00h – 03EFFFh
03EE00h – 03EEFFh
03ED00h – 03EDFFh
03EC00h – 03ECFFh
03EB00h – 03EBFFh
03EA00h – 03EAFFh
03E900h – 03E9FFh
03E800h – 03E8FFh
001700h – 0017FFh
001600h – 0016FFh
001500h – 0015FFh
001400h – 0014FFh
001300h – 0013FFh
001200h – 0012FFh
001100h – 0011FFh
001000h – 0010FFh
000F00h – 000FFFh
000E00h – 000EFFh
000D00h – 000DFFh
000C00h – 000CFFh
000B00h – 000BFFh
000A00h – 000AFFh
000900h – 0009FFh
000800h – 0008FFh
000700h – 0007FFh
000600h – 0006FFh
000500h – 0005FFh
000400h – 0004FFh
000300h – 0003FFh
000200h – 0002FFh
000100h – 0001FFh
000000h – 0000FFh
00F000h – 00FFFFh
00E000h – 00EFFFh
00D000h – 00DFFFh
00C000h – 00CFFFh
00B000h – 00BFFFh
00A000h – 00AFFFh
009000h – 009FFFh
008000h – 008FFFh
007000h – 007FFFh
006000h – 006FFFh
005000h – 005FFFh
004000h – 004FFFh
003000h – 003FFFh
002000h – 002FFFh
001000h – 001FFFh
000000h – 000FFFh
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
4KB
4KB
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
256 Bytes
256 Bytes
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
4KB
256 Bytes
64 kB
(Sector 2)
64 kB
64 kB
(Sector 3)
Range
64 kB
32 kB
32 kB
Block Erase Detail
32 kB
32 kB
Page Pro gram Detail
Page Address
Block Address
Range
64 kB
(Sector 0)
32 kB
32 kB
64 kB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com