Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FF041A Datasheet (PDF) - Renesas Technology Corp

AT25FF041A Datasheet PDF - Renesas Technology Corp
Part # AT25FF041A
Download  AT25FF041A Download
File Size   2029.34 Kbytes
Page   109 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Mbit, 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support

AT25FF041A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25FF041A Datasheet PDF - Renesas Technology Corp

Part # AT25FF041A
Download  AT25FF041A Click to download

File Size   2029.34 Kbytes
Page   109 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Mbit, 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support

AT25FF041A Datasheet (HTML) - Renesas Technology Corp


AT25FF041A Product details

Features
• Voltage Range: 1.65 V - 3.6 V
• 4-Mbit (2 x 2 Mbit physical block) Flash Memory
• Serial Peripheral Interface (SPI) compatible
• Supports SPI modes 0 and 3
• Supports dual output operation (1-1-2)
• Supports quad output operation (1-1-4)
• Supports quad I/O operation (1-4-4)
• Supports XiP operation (1-4-4, 0-4-4)
• 133 MHz maximum operating frequency
• Clock-to-output of 8 ns
• Flexible, optimized erase architecture for code + data storage applications
• Uniform 4-kByte block erase
• Uniform 32-kByte block erase
• Uniform 64-kByte block erase
• Full chip erase
• Flexible non-volatile block protection
• 1 x 128-byte factory-programmed unique identifier
• 3 x 128-byte, One Time Programmable (OTP) security registers
• Flexible programming
• Byte/Page program (1 to 256 Bytes)
• Sequential program mode capability
• Erase program suspend resume
• Software-controlled Reset and Terminate commands
• Hardware reset option (via HOLD pin)
• JEDEC hardware reset
• Non-volatile status register configuration option
• JEDEC standard manufacturer and device ID read methodology
• Serial Flash Discoverable Parameters (SFDP) version 1.6
• Low power dissipation
• 30 µA standby current (typical)
• 8.5 µA Deep Power-Down (DPD) current (typical)
• 7 nA Ultra-Deep Power-Down (UDPD) current (typical)
• 8.5 mA active read current (1-1-1 — 104 MHz)
• 8.5 mA program current
• 9.6 mA erase current
• User configurable and auto I/O pin drive levels
• Endurance:100,000 program/erase cycles
• Data Retention: 20 years
• Temperature Range: -40 oC to +85 oC
• Industry standard green (Pb/Halide-free/RoHS Compliant) Package Options
• 8-lead SOIC (150-mil and 208-mil)
• 8-pad Ultra-thin DFN (2 x 3 x 0.6 mm)
• 8-ball WLCSP
• Die in Wafer Form (DWF)




Similar Part No. - AT25FF041A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25FF041A DIALOG-AT25FF041A Datasheet
1Mb / 121P
4 Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25FF041A RENESAS-AT25FF041A Datasheet
2Mb / 114P
8-Mbit, 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
Feb 25, 2026
logo
Dialog Semiconductor
AT25FF041A-DWF DIALOG-AT25FF041A-DWF Datasheet
1Mb / 121P
4 Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25FF041A-MAHN-T DIALOG-AT25FF041A-MAHN-T Datasheet
1Mb / 121P
4 Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25FF041A-SHN-B DIALOG-AT25FF041A-SHN-B Datasheet
1Mb / 121P
4 Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
More results


Similar Description - AT25FF041A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25FF041A DIALOG-AT25FF041A Datasheet
1Mb / 121P
4 Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25FF081A DIALOG-AT25FF081A Datasheet
1Mb / 122P
8 Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE041D DIALOG-AT25XE041D Datasheet
1Mb / 127P
4-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE081D DIALOG-AT25XE081D Datasheet
1Mb / 126P
8-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE161D DIALOG-AT25XE161D Datasheet
1Mb / 127P
16-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE321D DIALOG-AT25XE321D Datasheet
1Mb / 124P
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25FF081A RENESAS-AT25FF081A Datasheet
2Mb / 109P
8-Mbit, 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
Mar 3, 2022
AT25XE041D RENESAS-AT25XE041D Datasheet
2Mb / 119P
4-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
Jun 1, 2022
AT25XE081D RENESAS-AT25XE081D Datasheet
2Mb / 120P
8-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
2022-08-26
AT25XE321D RENESAS-AT25XE321D Datasheet
2Mb / 113P
32-Mbit 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi I/O Support
Jul 27, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com