Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25XE321D Datasheet (PDF) - Renesas Technology Corp

AT25XE321D Datasheet PDF - Renesas Technology Corp
Part # AT25XE321D
Download  AT25XE321D Download
File Size   2309.79 Kbytes
Page   113 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Mbit 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi I/O Support

AT25XE321D Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25XE321D Datasheet PDF - Renesas Technology Corp

Part # AT25XE321D
Download  AT25XE321D Click to download

File Size   2309.79 Kbytes
Page   113 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Mbit 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi I/O Support

AT25XE321D Datasheet (HTML) - Renesas Technology Corp


AT25XE321D Product details

Features
• Voltage Range: 1.65 V - 3.6 V
• 32-Mbit Flash Memory
• Flexible 256-byte page erase architecture
• Serial Peripheral Interface (SPI) compatible
• Supports SPI modes 0 and 3
• Supports SPI single mode operation (1-1-1)
• Supports dual output operation (1-1-2)
• Supports quad output operation (1-1-4)
• Supports quad XiP operation (1-4-4 and
0-4-4)
• 133 MHz maximum operating frequency
• Clock-to-output of 8 ns
• Flexible, optimized erase architecture for code +
data storage applications
• Uniform 256-Byte page erase
• Uniform 4-KByte block erase
• Uniform 32-KByte block erase
• Uniform 64-KByte block erase
• Full chip erase
• Flexible non-volatile block protection
• 1 x 128-byte factory-programmed unique
identifier
• 3 x 128-byte, One Time Programmable (OTP)
security registers
• Flexible programming
• Byte/Page program (1 to 256 Bytes)
• Single command page buffer direct ReadModify-Write (page write with inclusive erase)
• Flexible 256-byte SRAM page buffer
operation
• Sequential program mode capability
• Erase program suspend resumeSoftware
controlled Reset and Terminate commands
• Hardware reset option (via /HOLD pin)
• JEDEC hardware reset
• Low battery detect circuit
• Active interrupt device status capability
• Non-volatile status register configuration option
• JEDEC standard manufacturer and device ID
read methodology
• Serial Flash Discoverable Parameters (SFDP)
version 1.6
• Low power dissipation:
• 26 µA standby current (typical)
• 7 µA Deep Power-Down (DPD) current
(typical)
• 5 - 7 nA Ultra Deep Power Down (UDPD)
current (typical)
• 8.3 mA active read current (1-1-1 — 10 MHz)
• 9.2 mA program current
• 10.2 mA erase current
• User configurable and auto I/O pin drive levels
• Endurance: 100,000 program/erase cycles
• Data Retention: 20 years
• -40 oC to +85 oC operation
• Industry standard green (Pb/Halide-free/RoHS
Compliant) Package Options
• 8-lead SOIC (150-mil)
• 8-lead SOIC (208-mil)
• Die/Wafer — Contact Renesas Electronics for
more information




Similar Part No. - AT25XE321D

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25XE321D DIALOG-AT25XE321D Datasheet
1Mb / 124P
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25XE321D RENESAS-AT25XE321D Datasheet
2Mb / 114P
32-Mbit 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi I/O Support
Dec 20, 2024
logo
Dialog Semiconductor
AT25XE321D-DWF DIALOG-AT25XE321D-DWF Datasheet
1Mb / 124P
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25XE321D-DWF RENESAS-AT25XE321D-DWF Datasheet
2Mb / 114P
32-Mbit 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi I/O Support
Dec 20, 2024
logo
Dialog Semiconductor
AT25XE321D-MHN-T DIALOG-AT25XE321D-MHN-T Datasheet
1Mb / 124P
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
More results


Similar Description - AT25XE321D

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25FF081A DIALOG-AT25FF081A Datasheet
1Mb / 122P
8 Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25FF321A DIALOG-AT25FF321A Datasheet
1Mb / 119P
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
AT25XE041D DIALOG-AT25XE041D Datasheet
1Mb / 127P
4-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE081D DIALOG-AT25XE081D Datasheet
1Mb / 126P
8-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE161D DIALOG-AT25XE161D Datasheet
1Mb / 127P
16-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE321D DIALOG-AT25XE321D Datasheet
1Mb / 124P
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25FF041A RENESAS-AT25FF041A Datasheet
1Mb / 109P
4-Mbit, 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
2022-05-11
AT25FF081A RENESAS-AT25FF081A Datasheet
2Mb / 109P
8-Mbit, 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
Mar 3, 2022
AT25FF321A RENESAS-AT25FF321A Datasheet
2Mb / 111P
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
2022-12-21
AT25XE081D RENESAS-AT25XE081D Datasheet
2Mb / 120P
8-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
2022-08-26
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com