Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QF128A Datasheet (PDF) - Renesas Technology Corp

AT25QF128A Datasheet PDF - Renesas Technology Corp
Part # AT25QF128A
Download  AT25QF128A Download
File Size   1913.81 Kbytes
Page   61 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 128-Mbit Serial NOR Flash Memory with Dual and Quad I/O Support

AT25QF128A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25QF128A Datasheet PDF - Renesas Technology Corp

Part # AT25QF128A
Download  AT25QF128A Click to download

File Size   1913.81 Kbytes
Page   61 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 128-Mbit Serial NOR Flash Memory with Dual and Quad I/O Support

AT25QF128A Datasheet (HTML) - Renesas Technology Corp


AT25QF128A Product details

Features
▪ Single voltage operation with range of 2.7V to 3.6V
▪ 128-Mbit (32 x 4 Mbit physical block) Flash Memory
▪ Default Operating Mode is SPI Quad I/O
▪ Serial Peripheral Interface (SPI) compatible support
• Supports SPI modes 0 and 3
• Supports Dual Output and Quad Output read
• Supports Dual I/O and Quad I/O read
▪ Maximum Operating Frequency
• 133 MHz maximum operating frequency at 85 oC
• 120 MHz maximum operating frequency at 105 oC
▪ Read Operations
• 70 MHz SPI normal read
• 120 MHz SPI fast read
• 133 MHz Quad Output fast read at 85 oC
• Dual I/O data transfer rate up to 240 Mbps
• Quad I/O data transfer rate up to 480 Mbps
• Quad Output data transfer rate up to 532 Mbps
• Continuous read with 8/16/32/64-byte wrap
▪ Flexible programming
• Byte/Page program (1 to 256 Bytes)
• Program suspend and resume
▪ Fast program and erase times
• 0.6 ms typical page (256 byte) program time
• 70 ms typical 4-Kbyte block erase time
• 150 ms typical 32-Kbyte block erase time
• 250 ms typical 64-Kbyte block erase time
• Full chip erase: 30 s typical
▪ Hardware and software Write Protection
• Hardware-controlled locking of protected sector via WP pin
• Three 256-byte OTP-capable security registers
• Write protect all or part of memory via software with top/bottom block selection
▪ Serial Flash Discoverable Parameter (SFDP) register
▪ Low power dissipation
• 13 µA standby current at 85 oC
• 20 µA standby current at 105 oC
• 2 µA deep power-down current at 85 oC
• 5 µA deep power-down current at 105 oC
▪ Endurance:
• 100K program/erase cycles at 85 oC
• 10K program/erase cycles at 105 oC
▪ Data Retention:
• 20 years at 85 oC
• 10 years at 105 oC
▪ Temperature Range:
• Industrial: -40 oC to 85 oC
• Extended Temperature Range: -40 oC to 105 oC
▪ Industry standard green (Pb/Halide-free/RoHS compliant) package options
• 8-lead 0.208” Wide SOIC
• 8-pad (5 x 6 x 0.6 mm) UDFN




Similar Part No. - AT25QF128A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25QF128A DIALOG-AT25QF128A Datasheet
1Mb / 55P
128 Mbit Serial NOR Flash Memory with Dual and Quad I/O Support
AT25QF128A-MHB-T DIALOG-AT25QF128A-MHB-T Datasheet
1Mb / 55P
128 Mbit Serial NOR Flash Memory with Dual and Quad I/O Support
logo
Renesas Technology Corp
AT25QF128A-MHB-T RENESAS-AT25QF128A-MHB-T Datasheet
1Mb / 61P
128-Mbit Serial NOR Flash Memory with Dual I/O and Quad I/O Support
2025-08-26
AT25QF128A-MWUB-T RENESAS-AT25QF128A-MWUB-T Datasheet
1Mb / 61P
128-Mbit Serial NOR Flash Memory with Dual I/O and Quad I/O Support
2025-08-26
logo
Dialog Semiconductor
AT25QF128A-SHB-T DIALOG-AT25QF128A-SHB-T Datasheet
1Mb / 55P
128 Mbit Serial NOR Flash Memory with Dual and Quad I/O Support
More results


Similar Description - AT25QF128A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25SL128A DIALOG-AT25SL128A Datasheet
5Mb / 75P
128-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QF128A DIALOG-AT25QF128A Datasheet
1Mb / 55P
128 Mbit Serial NOR Flash Memory with Dual and Quad I/O Support
AT25SF041B DIALOG-AT25SF041B Datasheet
1Mb / 64P
4-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF081B DIALOG-AT25SF081B Datasheet
1Mb / 61P
8-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF128A DIALOG-AT25SF128A Datasheet
959Kb / 64P
128-Mbit Serial NOR Flash Memory with Dual and Quad I/O Support
logo
Renesas Technology Corp
AT25QF641B RENESAS-AT25QF641B Datasheet
2Mb / 58P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-05-18
AT25SF128A RENESAS-AT25SF128A Datasheet
1Mb / 59P
128-Mbit Serial NOR Flash Memory with Dual I/O and Quad I/O Support
2022-11-30
AT25SF161B RENESAS-AT25SF161B Datasheet
1Mb / 61P
16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
Jun 3, 2022
AT25SF321B RENESAS-AT25SF321B Datasheet
2Mb / 63P
32-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
AT25SF641B RENESAS-AT25SF641B Datasheet
1Mb / 60P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com