Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet (PDF) - Renesas Technology Corp

AT25QL321 Datasheet PDF - Renesas Technology Corp
Part # AT25QL321
Download  AT25QL321 Download
File Size   4353.3 Kbytes
Page   82 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support

AT25QL321 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25QL321 Datasheet PDF - Renesas Technology Corp

Part # AT25QL321
Download  AT25QL321 Click to download

File Size   4353.3 Kbytes
Page   82 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support

AT25QL321 Datasheet (HTML) - Renesas Technology Corp


AT25QL321 Product details

Features
▪ Single 1.7 V - 2.0 V Supply
▪ 32 Mbit Flash Memory
▪ Serial Peripheral Interface (SPI) and Quad Peripheral Interface (QPI) Compatible
• Supports SPI Modes 0 and 3
• Supports Dual Output Read and Quad I/O Program and Read
• Quad enabled (factory default setting)
• Supports QPI Program and Read
• 104 MHz Maximum Operating Frequency
• Clock-to-Output (tV1) of 6 ns
• Up tp 65 Mbytes/s continuous data transfer rate
▪ Full Chip Erase
▪ Flexible, Optimized Erase Architecture for Code and Data Storage Applications
• 0.6 ms Typical Page Program (256 bytes) Time
• 60 ms Typical 4 kbyte Block Erase Time
• 200 ms Typical 32 kbyte Block Erase Time
• 300 ms Typical 64 kbyte Block Erase Time
▪ Hardware Controlled Locking of Protected Blocks via WP Pin
▪ 4 kbit secured One-Time Programmable Security Register
▪ Hardware Write Protection
▪ Serial Flash Discoverable Parameters (SFDP) Register
▪ Flexible Programming
• Byte/Page Program (1 to 256 bytes)
• Dual or Quad Input Byte/Page Program (1 to 256 bytes)
• Accelerated programming mode through 9 V ACC pin
▪ Erase/Program Suspend and Resume
▪ JEDEC Standard Manufacturer and Device ID Read Methodology
▪ Low Power Dissipation
• 2 µA Deep Power-Down Current (Typical)
• 10 µA Standby current (Typical)
• 5 mA Active Read Current (Typical)
▪ Endurance: 100,000 program/erase cycles (4, 32, or 64 kbyte blocks)
▪ Data Retention: 20 Years
▪ Industrial Temperature Range: -40 °C to +85 °C
▪ Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
• 8MA1, 8-pad UDFN (6 x 5 x 0.6 mm)
• 8MA2, 8-pad USON(3 x 4 x 0.55 mm)
• 8S1, 8-lead SOIC (150 mil)
• 8-ball WLCSP, die Ball Grid Array (dBGA)




Similar Part No. - AT25QL321

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25QL321 DIALOG-AT25QL321 Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL321-CCUE-T DIALOG-AT25QL321-CCUE-T Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL321-DWF DIALOG-AT25QL321-DWF Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL321-MBUE-T DIALOG-AT25QL321-MBUE-T Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL321-MHE-T DIALOG-AT25QL321-MHE-T Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
More results


Similar Description - AT25QL321

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25SL128A DIALOG-AT25SL128A Datasheet
5Mb / 75P
128-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QF641 DIALOG-AT25QF641 Datasheet
5Mb / 74P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL128A DIALOG-AT25QL128A Datasheet
5Mb / 84P
1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
AT25QL321 DIALOG-AT25QL321 Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25SL321 DIALOG-AT25SL321 Datasheet
5Mb / 82P
32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
logo
Renesas Technology Corp
AT25QF641 RENESAS-AT25QF641 Datasheet
6Mb / 72P
64-Mbit, 2.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
6/2022
AT25QL128A RENESAS-AT25QL128A Datasheet
4Mb / 85P
1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Nov 1, 2022
AT25SL128A RENESAS-AT25SL128A Datasheet
4Mb / 84P
1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Sep 14, 2022
AT25SL321 RENESAS-AT25SL321 Datasheet
4Mb / 82P
32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Nov 1, 2022
AT25SL641 RENESAS-AT25SL641 Datasheet
3Mb / 83P
64-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
Sep 26, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com