Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 5Page - Renesas Technology Corp AT25QL321 Datasheet HTML 6Page - Renesas Technology Corp AT25QL321 Datasheet HTML 7Page - Renesas Technology Corp AT25QL321 Datasheet HTML 8Page - Renesas Technology Corp AT25QL321 Datasheet HTML 9Page - Renesas Technology Corp AT25QL321 Datasheet HTML 10Page - Renesas Technology Corp AT25QL321 Datasheet HTML 11Page - Renesas Technology Corp AT25QL321 Datasheet HTML 12Page - Renesas Technology Corp AT25QL321 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 9
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
Table 1. Pin Descriptions
Symbol
Name and Function
Asserted
State
Type
CS
CHIP SELECT
When this input signal is high, the device is deselected and serial data output pins are
at high impedance. Unless an internal program, erase or write status register cycle is
in progress, the device needs to be in the standby power mode (this is not the deep
power down mode). Driving Chip Select (CS) low enables the device, placing it in the
active power mode. After power-up, a falling edge on Chip Select (CS) is required prior
to the start of any command.
To ensure correct power-up sequencing, it is recommended to add a 10k Ohm pull-up
resistor from CS to VCC. This ensures CS ramps together with VCC during power-up.
Low
Input
SCK
SERIAL CLOCK
This input signal provides the timing for the serial interface. Commands, addresses, or
data present at serial data input are latched on the rising edge of Serial Clock (SCK).
Data are shifted out on the falling edge of the Serial Clock (SCK).
–
Input
SI (I/O0)
SERIAL INPUT
The SI pin is used to shift data into the device. The SI pin is used for all data input
including command and address sequences. Data on the SI pin is always latched in
on the rising edge of SCK.
With the Dual-Output and Quad-Output Read commands, the SI Pin becomes an
output pin (I/O0) in conjunction with other pins to allow two or four bits of data on (I/O3-
0) to be clocked in on every falling edge of SCK
To maintain consistency with the SPI nomenclature, the SI (I/O0) pin is referenced as
the SI pin unless specifically addressing the Dual-I/O and Quad-I/O modes in which
case it is referenced as I/O0.
Data present on the SI pin is ignored whenever the device is deselected (CS is
deasserted).
–
Input/Output
SO (I/O1)
SERIAL OUTPUT
The SO pin is used to shift data out from the device. Data on the SO pin is always
clocked out on the falling edge of SCK.
With the Dual-Output Read commands, the SO Pin remains an output pin (I/O0) in
conjunction with other pins to allow two bits of data on (I/O1-0) to be clocked in on
every falling edge of SCK
To maintain consistency with the SPI nomenclature, the SO (I/O1) pin is referenced as
the SO pin unless specifically addressing the Dual-I/O modes in which case it is
referenced as I/O1. The SO pin is in a high-impedance state whenever the device is
deselected (CS is deasserted).
–
Input/Output
WP (I/O2)
WRITE PROTECT / IO2
This pin is used either for write-protection, in which case it is referred to as WP, or as
one of the quad-SPI I/O pins, in which case it is referred to as IO2.
When the Quad Enable (QE) bit of Status Register 2 is 0, and the SRP1 and SRP0
bits are 0 and 1, respectively, the pin can be used for write-protection. It then can be
asserted (driven low) to protect the Status Registers from modification.
When the QE bit of Status Register 2 is 1, quad-SPI communication is enabled, and
the pin is used as I/O pin IO2 in any command that makes use of quad-SPI. In this
setting, do not use the pin for write-protection.
The WP pin does not have an internal pull-up; thus it must be either driven or, if not
used, pulled-up with an external resistor to Vcc.
–
Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com