Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 45Page - Renesas Technology Corp AT25QL321 Datasheet HTML 46Page - Renesas Technology Corp AT25QL321 Datasheet HTML 47Page - Renesas Technology Corp AT25QL321 Datasheet HTML 48Page - Renesas Technology Corp AT25QL321 Datasheet HTML 49Page - Renesas Technology Corp AT25QL321 Datasheet HTML 50Page - Renesas Technology Corp AT25QL321 Datasheet HTML 51Page - Renesas Technology Corp AT25QL321 Datasheet HTML 52Page - Renesas Technology Corp AT25QL321 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 49
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
Figure 43. Read Manufacturer/ Device ID Command (SPI Mode)
Figure 44. Read Manufacturer/ Device ID Command (QPI Mode)
31
30
29
28
31
32
33
34
35
36 37
38
39
40 41
42
43 44
45 46
SO
SI
SCK
CS
MSB
MSB
0
7654
3210
SO
SI
SCK
CS
Command (90h)
High-Impedance
Address (000000h)
32
1
0
0
123
45
6
7
89 10
21
22
23
Mode 3
Mode 0
Manufacturer ID (1Fh)
Device ID
Mode 3
Mode 0
47
SCK
CS
1
02
3
4
5
Mode 3
Command
A23-16
A15-8
A7-0
MFR ID
Device ID
90h
Mode 0
IO
0
4
2
3
7
6
1
5
0
4
2
3
7
6
1
5
0
4
2
3
7
6
1
5
0
4
2
3
7
6
1
5
0
4
2
3
7
6
1
5
6789
10
11
MSB
MSB
MSB
MSB
MSB
IOs switch from
input to output
IO
IO
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com