Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 13Page - Renesas Technology Corp AT25QL321 Datasheet HTML 14Page - Renesas Technology Corp AT25QL321 Datasheet HTML 15Page - Renesas Technology Corp AT25QL321 Datasheet HTML 16Page - Renesas Technology Corp AT25QL321 Datasheet HTML 17Page - Renesas Technology Corp AT25QL321 Datasheet HTML 18Page - Renesas Technology Corp AT25QL321 Datasheet HTML 19Page - Renesas Technology Corp AT25QL321 Datasheet HTML 20Page - Renesas Technology Corp AT25QL321 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 17
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
8.
Commands
The SPI command set of the AT25QL321 consists of thirty eight basic commands and the QPI command set
of the AT25QL321 consists of thirty- one basic commands that are fully controlled through the SPI bus (see
Command Set Table 5 and Table 6). Commands are initiated with the falling edge of Chip Select (CS). The
first byte of data clocked into the input pins (SI or IO [3:0]) provides the command code. Data on the SI input
is sampled on the rising edge of clock with most significant bit (MSB) first.
Commands are completed with the rising edge of edge CS. Clock relative timing diagrams for each command
are included in Figure 4 through Figure 64. All read commands can be completed after any clocked bit. However,
all commands that Write, Program or Erase must complete on a byte (CS driven high after a full 8-bit have been
clocked) otherwise the command needs to be terminated. This feature further protects the device from inadvertent
writes. Additionally, while the memory is being programmed or erased, or when the Status Register is being
written, all commands except for Read Register are ignored until the program or erase cycle has completed.
Table 5. Manufacturer and Device Identification
ID code
Command
Manufacturer ID
Renesas Electronics
1Fh
90h, 92h, 94h, 9Fh
Device ID
AT25QL321
15h
90h, 92h, 94h, ABh
Memory Type ID
SPI / QPI
42h
9Fh
Capacity Type ID
32M
16h
9Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com