Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 34Page - Renesas Technology Corp AT25QL321 Datasheet HTML 35Page - Renesas Technology Corp AT25QL321 Datasheet HTML 36Page - Renesas Technology Corp AT25QL321 Datasheet HTML 37Page - Renesas Technology Corp AT25QL321 Datasheet HTML 38Page - Renesas Technology Corp AT25QL321 Datasheet HTML 39Page - Renesas Technology Corp AT25QL321 Datasheet HTML 40Page - Renesas Technology Corp AT25QL321 Datasheet HTML 41Page - Renesas Technology Corp AT25QL321 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 38
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
8.16 Quad Page Program (33h)
The Quad Page Program command is to program the memory as being ‘0’ at previously erased memory areas.
The Quad Page Program takes four pins: IO0, IO1, IO2 and IO3 as address and data input, which can improve
programmer performance and the effectiveness of application of lower clock less than 5 MHz. System using
faster clock speed does not get more benefit for the Quad Page Program as the required internal page program
time is far more than the time data clock-in.
To use Quad Page Program, the Quad Enable bit must be set, A Write Enable command must be executed
before the device accepts the Quad Page Program command (Status Register-1, WEL = 1). The command is
initiated by driving the CS pin low then sending the command code 33h with following a 24-bit address (A23-A0)
and at least one data, into the IO pins. The CS pin must be held low for the entire length of the command while
data is being sent to the device. All other functions of Quad Page Program are perfectly same as standard
Page Program. (See Figure 27 and Figure 28).
Figure 27. Quad Page Program Command (SPI mode)
IO
IO
IO
IO
SCK
CS
IO
IO
IO
IO
SCK
CS
0
123
45
6
7
8
0
9
1
10 11 12 13
13 14 15 16 17 18 19
4
5
12
16
20
0
4
8
13
17
21
1
5
9
14
18
22
2
6
10
15
19
23
3
7
11
Mode 3
Mode 0
Mode 3
Mode 0
2
6
3
7
0
1
4
5
2
6
3
7
0
1
4
5
2
6
3
7
Command
33h
A23-16
A15-8
A7-0
Byte 1
Byte 2
Byte 3
0
1
4
5
2
6
3
7
0
1
4
5
2
6
3
7
Byte 253 Byte 254
0
1
4
5
2
6
3
7
0
1
4
5
2
6
3
7
Byte 255 Byte 256
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com