Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 24Page - Renesas Technology Corp AT25QL321 Datasheet HTML 25Page - Renesas Technology Corp AT25QL321 Datasheet HTML 26Page - Renesas Technology Corp AT25QL321 Datasheet HTML 27Page - Renesas Technology Corp AT25QL321 Datasheet HTML 28Page - Renesas Technology Corp AT25QL321 Datasheet HTML 29Page - Renesas Technology Corp AT25QL321 Datasheet HTML 30Page - Renesas Technology Corp AT25QL321 Datasheet HTML 31Page - Renesas Technology Corp AT25QL321 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 28
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
8.10 Fast Read in QPI Mode
When QPI mode is enabled, the number of dummy clock is configured by the Set Read Parameters (C0h)
command to accommodate wide range applications with different needs for either maximum Fast Read frequency
or minimum data access latency. Depending on the state of the Read Parameter bits P[4] and P[5], the number of
dummy clocks can be configured as either 4, or 6 or 8. The default number of dummy clocks upon power up or
after a Reset command is 4. See Figure 15 and Figure 16.
Figure 15. Fast Read command (QPI Mode, 80 MHz)
Figure 16. Fast Read command (QPI Mode, 104 MHz)
CS
SCK
IO
IO
IO
IO
1
04
3
26
5
8
9
1011
1213
14
7
Dummy Clocks*
* = “Set Read Parameters” command (C0h) can set the number of dummy clocks
Data Out 1 Data Out 2 Data Out 3
A23-16
A15-8
A7-0
Mode 3
Mode 0
Command
0Bh
20
16
21
17
22
18
23
19
12
8
13
9
14
10
15
11
40
51
62
73
40
51
62
7
4
5
6
7
3
40
51
62
73
MSB
MSB
MSB
MSB
CS
SCK
IO
0
IO
1
1
04
3
26
5
8
9
1011
1213
14
7
Dummy Clocks*
* = “Set Read Parameters” command (C0h) can set the number of dummy clocks
Data Out 1 Data Out 2 Data Out 3
A23-16
A15-8
A7-0
Mode 3
Mode 0
Command
0Bh
20
16
21
17
22
18
23
19
12
8
13
9
14
10
15
11
40
51
62
73
40
51
62
7
4
5
6
7
3
40
51
62
73
MSB
MSB
MSB
MSB
IO
2
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com