Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF081 Datasheet (PDF) - Renesas Technology Corp

AT25SF081 Datasheet PDF - Renesas Technology Corp
Part # AT25SF081
Download  AT25SF081 Download
File Size   3830.8 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support

AT25SF081 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25SF081 Datasheet PDF - Renesas Technology Corp

Part # AT25SF081
Download  AT25SF081 Click to download

File Size   3830.8 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support

AT25SF081 Datasheet (HTML) - Renesas Technology Corp


AT25SF081 Product details

Features
 Single 2.3V - 3.6V Supply
 Serial Peripheral Interface (SPI) Compatible
 Supports SPI Modes 0 and 3
 Supports Dual and Quad Output Read
 104MHz Maximum Operating Frequency
 Clock-to-Output (tV) of 6 ns
 Flexible, Optimized Erase Architecture for Code + Data Storage Applications
 Uniform 4-Kbyte Block Erase
 Uniform 32-Kbyte Block Erase
 Uniform 64-Kbyte Block Erase
 Full Chip Erase
 Hardware Controlled Locking of Protected Blocks via WP Pin
 3 Protected Programmable Security Register Pages
 Flexible Programming
 Byte/Page Program (1 to 256 Bytes)
 Fast Program and Erase Times
 0.7ms Typical Page Program (256 Bytes) Time
 70ms Typical 4-Kbyte Block Erase Time
 300ms Typical 32-Kbyte Block Erase Time
 600ms Typical 64-Kbyte Block Erase Time
 JEDEC Standard Manufacturer and Device ID Read Methodology
 Low Power Dissipation
 2µA Deep Power-Down Current (Typical)
 10µA Standby current (Typical)
 4mA Active Read Current (Typical)
 Endurance: 100,000 Program/Erase Cycles
 Data Retention: 20 Years
 Complies with Full Industrial Temperature Range
 Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
 8-lead SOIC (150-mil and 208-mil)
 8-pad Ultra Thin DFN (5 x 6 x 0.6 mm and 2 x 3 x 0.6 mm)
 8-lead TSSOP (4 x 4 mm)
 Die in Wafer Form

Description
The Adesto® AT25SF081 is a serial interface Flash memory device designed for use in a wide variety of high-volume
consumer based applications in which program code is shadowed from Flash memory into embedded or external RAM
for execution. The flexible erase architecture of the AT25SF081 is ideal for data storage as well, eliminating the need for
additional data storage devices.
The erase block sizes of the AT25SF081 have been optimized to meet the needs of today's code and data storage
applications. By optimizing the size of the erase blocks, the memory space can be used much more efficiently. Because
certain code modules and data storage segments must reside by themselves in their own erase regions, the wasted and
unused memory space that occurs with large block erase Flash memory devices can be greatly reduced. This increased
memory space efficiency allows additional code routines and data storage segments to be added while still maintaining
the same overall device density.
The device also contains three pages of Security Register that can be used for purposes such as unique device
serialization, system-level Electronic Serial Number (ESN) storage, locked key storage, etc. These Security Register
pages can be individually locked.




Similar Part No. - AT25SF081

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25SF081 ETC2-AT25SF081 Datasheet
2Mb / 47P
8-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
AT25SF081-MAHD-T ETC2-AT25SF081-MAHD-T Datasheet
2Mb / 47P
8-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
AT25SF081-MHD-T ETC2-AT25SF081-MHD-T Datasheet
2Mb / 47P
8-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
AT25SF081-SHD-B ETC2-AT25SF081-SHD-B Datasheet
2Mb / 47P
8-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
AT25SF081-SHD-T ETC2-AT25SF081-SHD-T Datasheet
2Mb / 47P
8-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
More results


Similar Description - AT25SF081

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DN512C ETC2-AT25DN512C Datasheet
1Mb / 40P
512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DQ161 ETC2-AT25DQ161_13 Datasheet
2Mb / 65P
Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF081 ETC2-AT25SF081 Datasheet
2Mb / 47P
8-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
AT25SF161 ETC1-AT25SF161 Datasheet
3Mb / 49P
16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
logo
Dialog Semiconductor
AT25SF081B DIALOG-AT25SF081B Datasheet
1Mb / 61P
8-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF321 DIALOG-AT25SF321 Datasheet
1Mb / 48P
32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
AT45DQ161 DIALOG-AT45DQ161 Datasheet
1Mb / 83P
16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
List of Unclassifed Man...
AT25SF161 ETC-AT25SF161 Datasheet
3Mb / 49P
16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
logo
Renesas Technology Corp
AT25SF321 RENESAS-AT25SF321 Datasheet
3Mb / 49P
32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
8/2017
AT45DQ161 RENESAS-AT45DQ161 Datasheet
3Mb / 82P
16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
2/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com