Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DQ161 Datasheet (PDF) - Renesas Technology Corp

AT45DQ161 Datasheet PDF - Renesas Technology Corp
Part # AT45DQ161
Download  AT45DQ161 Download
File Size   3143.78 Kbytes
Page   82 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support

AT45DQ161 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45DQ161 Datasheet PDF - Renesas Technology Corp

Part # AT45DQ161
Download  AT45DQ161 Click to download

File Size   3143.78 Kbytes
Page   82 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support

AT45DQ161 Datasheet (HTML) - Renesas Technology Corp


AT45DQ161 Product details

Features
 Single 2.3V - 3.6V supply
 Serial Peripheral Interface (SPI) compatible
 Supports SPI modes 0 and 3
 Supports RapidS™ operation
 Supports Dual-input and Quad-input Buffer Write
 Supports Dual-output and Quad-output Read
 Very high operating frequencies
 85MHz (for SPI)
 85MHz (for Dual-I/O and Quad-I/O)
 Clock-to-output time (tV) of 6ns maximum
 User configurable page size
 512 bytes per page
 528 bytes per page (default)
 Page size can be factory pre-configured for 512 bytes
 Two fully independent SRAM data buffers (512/528 bytes)
 Allows receiving data while reprogramming the main memory array
 Flexible programming options
 Byte/Page Program (1 to 512/528 bytes) directly into main memory
 Buffer Write
 Buffer to Main Memory Page Program
 Flexible erase options
 Page Erase (512/528 bytes), Block Erase (4KB)
 Sector Erase (128KB), Chip Erase (16-Mbits)
 Program and Erase Suspend/Resume
 Advanced hardware and software data protection features
 Individual sector protection
 Individual sector lockdown to make any sector permanently read-only
 128-byte, One-Time Programmable (OTP) Security Register
 64 bytes factory programmed with a unique identifier
 64 bytes user programmable
 Hardware and software controlled reset options
 JEDEC Standard Manufacturer and Device ID Read
 Low-power dissipation
 500nA Ultra-Deep Power-Down current (typical)
 3µA Deep Power-Down current (typical)
 25µA Standby current (typical)  11mA Active Read current (typical at 20MHz)
 Endurance: 100,000 program/erase cycles per page minimum (50,000 cycles
for extended temperature option)
 Data retention: 20 years
 Complies with full industrial temperature range (extended temperature optional)
 Green (Pb/Halide-free/RoHS compliant) packaging options
 8-lead SOIC (0.150" wide and 0.208" wide)
 8-pad Ultra-thin DFN (5 x 6 x 0.6mm)
 9-ball Ultra-thin UBGA (6 x 6 x 0.6mm)

Description
The AT45DQ161 is a 2.3V minimum, serial-interface sequential access Flash memory ideally suited for a wide variety of
digital voice, image, program code, and data storage applications. The AT45DQ161 also supports Dual-I/O, Quad-I/O
and the RapidS serial interface for applications requiring very high speed operation. Its 17,301,504 bits of memory are
organized as 4,096 pages of 512 bytes or 528 bytes each. In addition to the main memory, the AT45DQ161 also contains
two SRAM buffers of 512/528 bytes each. The buffers allow receiving of data while a page in the main memory is being
reprogrammed. Interleaving between both buffers can dramatically increase a system's ability to write a continuous data
stream. In addition, the SRAM buffers can be used as additional system scratch pad memory, and E2
PROM emulation
(bit or byte alterability) can be easily handled with a self-contained three step read-modify-write operation.
Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the
DataFlash® uses a serial interface to sequentially access its data. The simple sequential access dramatically reduces
active pin count, facilitates simplified hardware layout, increases system reliability, minimizes switching noise, and
reduces package size. The device is optimized for use in many commercial and industrial applications where highdensity, low-pin count, low-voltage, and low-power are essential.
To allow for simple in-system re-programmability, the AT45DQ161 does not require high input voltages for programming.
The device operates from a single 2.3V to 3.6V power supply for the erase and program and read operations. The
AT45DQ161 is enabled through the Chip Select pin (CS) and accessed via a 3-wire interface consisting of the Serial
Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.




Similar Part No. - AT45DQ161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DQ161 ETC2-AT45DQ161 Datasheet
2Mb / 81P
16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT45DQ161 ETC2-AT45DQ161 Datasheet
2Mb / 82P
16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum
logo
Dialog Semiconductor
AT45DQ161 DIALOG-AT45DQ161 Datasheet
1Mb / 83P
16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT45DQ161 RENESAS-AT45DQ161 Datasheet
2Mb / 77P
16-Mbit DataFlash, 2.3 V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
2023-07-31
logo
List of Unclassifed Man...
AT45DQ161-CCUD-T ETC2-AT45DQ161-CCUD-T Datasheet
2Mb / 81P
16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
More results


Similar Description - AT45DQ161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DQ161 ETC2-AT45DQ161 Datasheet
2Mb / 81P
16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25DQ161 ETC2-AT25DQ161_13 Datasheet
2Mb / 65P
Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF041 ETC2-AT25SF041 Datasheet
2Mb / 46P
4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Dialog Semiconductor
AT25SF041 DIALOG-AT25SF041 Datasheet
485Kb / 4P
4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF161 DIALOG-AT25SF161 Datasheet
484Kb / 4P
16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF161B DIALOG-AT25SF161B Datasheet
1Mb / 64P
16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
AT45DQ161 DIALOG-AT45DQ161 Datasheet
1Mb / 83P
16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25SF081 RENESAS-AT25SF081 Datasheet
3Mb / 48P
8-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
02/2021
AT25SF161B RENESAS-AT25SF161B Datasheet
1Mb / 61P
16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
Jun 3, 2022
AT45DQ321 RENESAS-AT45DQ321 Datasheet
3Mb / 81P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
2/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com