Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70T3539M Datasheet (PDF) - Renesas Technology Corp

70T3539M Datasheet PDF - Renesas Technology Corp
Part # 70T3539M
Download  70T3539M Download
File Size   642.93 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE

70T3539M Datasheet (PDF)

Go To PDF Page Download Datasheet
70T3539M Datasheet PDF - Renesas Technology Corp

Part # 70T3539M
Download  70T3539M Click to download

File Size   642.93 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE

70T3539M Datasheet (HTML) - Renesas Technology Corp


70T3539M Product details

Features:
◆ True Dual-Port memory cells which allow simultaneous
access of the same memory location
◆ High-speed data access
– Commercial: 3.6ns (166MHz)/4.2ns (133MHz)(max.)
– Industrial: 4.2ns (133MHz) (max.)
◆ Selectable Pipelined or Flow-Through output mode
◆ Counter enable and repeat features
◆ Dual chip enables allow for depth expansion without
additional logic
◆ Interrupt and Collision Detection Flags
◆ Full synchronous operation on both ports
– 6ns cycle time, 166MHz operation (12Gbps bandwidth)
– Fast 3.6ns clock to data out
– 1.5ns setup to clock and 0.5ns hold on all control, data, and
address inputs @ 166MHz
– Data input, address, byte enable and control registers
– Self-timed write allows fast cycle time
◆ Separate byte controls for multiplexed bus and bus
matching compatibility
◆ Dual Cycle Deselect (DCD) for Pipelined Output Mode
◆ 2.5V (±100mV) power supply for core
◆ LVTTL compatible, selectable 3.3V (±150mV) or 2.5V
(±100mV) power supply for I/Os and control signals on
each port
◆ Includes JTAG functionality
◆ Industrial temperature range (-40°C to +85°C) is
available at 133MHz
◆ Available in a 256-pin Ball Grid Array (BGA)
◆ Green parts available, see ordering information




Similar Part No. - 70T3539M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3539MS133BCG IDT-70T3539MS133BCG Datasheet
840Kb / 26P
HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
70T3539MS133BCG IDT-70T3539MS133BCG Datasheet
345Kb / 26P
HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3539MS133BCG8 IDT-70T3539MS133BCG8 Datasheet
840Kb / 26P
HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
70T3539MS133BCG8 IDT-70T3539MS133BCG8 Datasheet
345Kb / 26P
HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3539MS133BCGI IDT-70T3539MS133BCGI Datasheet
840Kb / 26P
HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Similar Description - 70T3539M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3539M IDT-IDT70T3539M Datasheet
421Kb / 26P
HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T653M IDT-IDT70T653M Datasheet
309Kb / 24P
HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3509M IDT-IDT70T3509M Datasheet
259Kb / 23P
HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
List of Unclassifed Man...
IDT70T3509MS133BPI ETC2-IDT70T3509MS133BPI Datasheet
275Kb / 23P
HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Integrated Device Techn...
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T3509M RENESAS-70T3509M Datasheet
355Kb / 24P
HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Feb.28.22
70T653M RENESAS-70T653M Datasheet
509Kb / 26P
HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
JUNE 2019
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
70V3599 RENESAS-70V3599 Datasheet
341Kb / 24P
HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Feb.03.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com